Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4870 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4870
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices ADA4870 Datasheet HTML 21Page - Analog Devices ADA4870 Datasheet HTML 22Page - Analog Devices ADA4870 Datasheet HTML 23Page - Analog Devices ADA4870 Datasheet HTML 24Page - Analog Devices ADA4870 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 20 of 24
Figure 71. Small Signal Bandwidth for Various CL and RS Values from Figure 70
HEAT AND THERMAL MANAGEMENT
High output current amplifiers like the ADA4870 generate heat,
instantaneous or continuous, depending on the signal being
processed. Properly applied thermal management techniques
move heat away from the ADA4870 die and help to maintain
acceptable junction temperatures (TJ). A highly conductive
thermal path from the slug of the PSOP_3 package to the
ambient air is required to obtain the best performance at the
lowest TJ.
POWER DISSIPATION
The first step in identifying a thermal solution is to compute the
power generated in the amplifier during normal operation. The
schematic in Figure 72 shows a simplified output stage of the
ADA4870. The most significant heat is generated by the output
stage push-pull pair, particularly when driving heavy loads.
Figure 72. Simplified Output Stage
The total power dissipation in the amplifier is the sum of the
power dissipated in the output stage plus the quiescent power.
The average power for an amplifier processing sine signals is
computed by Equation 1. Equation 2 can be used to compute the
peak power of a sine wave and can be used to compute the
continuous power dissipation of dc output voltages where VPEAK is
the dc load voltage. These equations assume symmetrical supplies
and a load referred to midsupply.
(
)
×
+
×
=
L
PEAK
L
PEAK
CC
q
S
SINE
AVG
R
V
R
V
V
I
V
P
2
–
π
2
2
,
(1)
(
) (
)


×
+
×
=
L
PEAK
PEAK
S
q
S
PEAK
R
V
V
V
I
V
P
–
(2)
where
VS is the total supply voltage (VCC – VEE).
Iq is the amplifier quiescent current.
A graphical representation of the PAVG,SINE and PPEAK power
equations is shown in Figure 73. The power curves were generated
for the ADA4870 operating from ±20 V supplies and driving a
20 Ω load. The quiescent power intersects the vertical axis at
~1.3 W when VOUT is at 0 V or midsupply. The graphs stop at
the output swing limit of 18 V.
For dc analysis, peak power dissipation occurs at VOUT = VCC/2,
while the maximum average power for sine wave signals occurs
at VOUT = 2VCC/π.
Figure 73. Average Sine and Peak Power vs. VOUT, VS = ±20 V, RL = 20 Ω
–15
–12
–9
–6
–3
0
3
6
9
0.1
1
10
100
FREQUENCY (MHz)
CL = 330pF, RS = 6.8Ω
CL = 1µF, RS = 0.3Ω
CL = 1nF, RS = 4Ω
CL = 3.3nF, RS = 2.5Ω
CL = 10nF, RS = 1.4Ω
CL = 33nF, RS = 0.7Ω
CL = 100nF, RS = 0.3Ω
GND
RL
VOUT
VCC
VEE
0
1
2
3
4
5
6
7
0
5
10
15
20
VOUT (V)
PEAK (W)
AVG, SINE (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com