Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM7172
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM7172 Datasheet HTML 9Page - Analog Devices ADM7172 Datasheet HTML 10Page - Analog Devices ADM7172 Datasheet HTML 11Page - Analog Devices ADM7172 Datasheet HTML 12Page - Analog Devices ADM7172 Datasheet HTML 13Page - Analog Devices ADM7172 Datasheet HTML 14Page - Analog Devices ADM7172 Datasheet HTML 15Page - Analog Devices ADM7172 Datasheet HTML 16Page - Analog Devices ADM7172 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADM7172
Data Sheet
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1.0A
ILOAD = 1.5A
ILOAD = 2.0A
Figure 34. Power Supply Rejection Ratio (PSRR) vs. Frequency, 300 mV
Headroom, VOUT = 3 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
800mV
700mV
600mV
500mV
400mV
300mV
200mV
150mV
Figure 35. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 5 V, 2 A
Load Current, Various Headroom Voltages
HEADROOM (V)
0.8
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 36. Power Supply Rejection Ratio (PSRR) vs. Headroom, VOUT = 5 V, 2 A
Load Current, Different Frequencies
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1.0A
ILOAD = 1.5A
ILOAD = 2.0A
Figure 37. Power Supply Rejection Ratio (PSRR) vs. Frequency, 800 mV
Headroom, VOUT = 5 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1.0A
ILOAD = 1.5A
ILOAD = 2.0A
Figure 38. Power Supply Rejection Ratio (PSRR) vs. Frequency, 400 mV
Headroom, VOUT = 5 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1.0A
ILOAD = 1.5A
ILOAD = 2.0A
Figure 39. Power Supply Rejection Ratio (PSRR) vs. Frequency, 300 mV
Headroom, VOUT = 5 V
Rev. C | Page 12 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com