Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 17Page - Analog Devices ADP5053 Datasheet HTML 18Page - Analog Devices ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices ADP5053 Datasheet HTML 24Page - Analog Devices ADP5053 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 21
R
TOP RBOTTOM
SS12 Pin
SS34 Pin
(kΩ) (kΩ) CH1 CH2
CH3 CH4
0
N/A
2 ms 2 ms
2 ms 2 ms
100 600
2 ms Parallel 2 ms 4 ms
200 500
2 ms 8 ms
2 ms 8 ms
300 400
4 ms 2 ms
4 ms 2 ms
400 300
4 ms 4 ms
4 ms 4 ms
500 200
8 ms 2 ms
4 ms 8 ms
600 100
8 ms Parallel 8 ms 2 ms
N/A 0
8 ms 8 ms
8 ms 8 ms
Changing Channel 1/Channel 2 to a 2-Phase Parallel Output
Channel 1 and Channel 2 are programmed as individual outputs on the ADP5051/ADP5053 evaluation
boards. To configure Channel 1/Channel 2 as a 2-phase parallel output operation, the following steps
are required:
Short the jumper, S4.
1.
Change R39 = 100 kΩ and R16 = 600 kΩ (or R39 = 600 kΩ and R16 = 100 kΩ) in the SS12 pin
2.
setting.
Remove R17 and C8 from the COMP2 pin.
3.
Remove R4, and replace R29 with 0 Ω on the FB2 pin.
4.
Shunt the J-EN2 jumper to low.
5.
Use the FB1 pin (R2 and R28) to set the output voltage.
6.
Use J-EN1 (EN1 pin) to enable or disable the regulator.
7.
During the parallel configuration, the input voltage and the current-limit threshold for both channels
should be the same, and FPWM mode operation on both Channel 1 and Channel 2 are recommended.
See the ADP5051/ADP5053 data sheet for details regarding 2-phase parallel output.
Changing the Phase Shift (0°, 90°, 180°, 270°) in the Buck Regulators
On the ADP5051/ADP5053 evaluation board, the phase shift is 180° between Channel 1 and Channel
2, and 180° between Channel 3 and Channel 4. Channel 1 and Channel 3 operate in 0° phase shift.
With the ADP5050 only, the phase shift can be programmed at 0°, 90°, 180°, or 270° from Channel 2
to Channel 4 with reference to Channel 1 via PHASE2, PHASE3, and PHASE4 in the ADP5051 GUI
software. See the ADP5051/ADP5053 data sheet for details regarding 2-phase parallel output.
Changing the Power-Good (PWRGD) Output Options
On the ADP5051/ADP5053 evaluation board, the PWRGD output becomes active high when the
selective regulator is under normal operation. The PWRGD hardware output is logically AND'ed of an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com