Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5051 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5051
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5051 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5051 Datasheet HTML 17Page - Analog Devices ADP5051 Datasheet HTML 18Page - Analog Devices ADP5051 Datasheet HTML 19Page - Analog Devices ADP5051 Datasheet HTML 20Page - Analog Devices ADP5051 Datasheet HTML 21Page - Analog Devices ADP5051 Datasheet HTML 22Page - Analog Devices ADP5051 Datasheet HTML 23Page - Analog Devices ADP5051 Datasheet HTML 24Page - Analog Devices ADP5051 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 20 of 36
FREQUENCY FOLDBACK
The buck regulators in the ADP5053include frequencyfoldback to
prevent output current runaway when a hard short occurs
on the output. Implement frequency foldback as follows:
•
If the voltage at the FBx pin falls below half the target
output voltage, the switching frequency is reduced by half.
•
If the voltage at the FBx pin falls again to below one-fourth
the target output voltage, the switchingfrequency is reduced
to half its current value, that is, to one-fourth of fSW.
The reduced switching frequency allows more time for the
inductor current todecrease but also increases the ripplecurrent
during peak current regulation. This results in a reduction in
average current and prevents output current runaway.
Pulse Skip Mode Under MaximumDuty Cycle
Under maximum duty cycle conditions, frequency foldback
maintains the output in regulation. If the maximum duty cycle
is reached, for example, when the input voltage decreases, the
PWM modulator skips every other PWM pulse, resulting in a
switching frequencyfoldback ofone-half.Ifthe dutycycle increases
further, the PWM modulator skips two ofeverythree PWMpulses,
resulting in a switching frequency foldback to one-third of the
switching frequency. Frequency foldback increases the effective
maximum duty cycle, thereby decreasing the dropout voltage
between the input and output voltages.
HICCUP PROTECTION
The buck regulators in the ADP5053 include a hiccup mode for
overcurrent protection (OCP). When the peak inductor current
reaches the current-limit threshold, the high-side MOSFET turns
off and the low-side MOSFET turns on until the next cycle.
When hiccup mode is active, the overcurrent fault counter is
incremented. If the overcurrent fault counter reaches 15 and
overflows (indicating a short-circuit condition), both the high-
side and low-side MOSFETs turn off. The buck regulator
remains in hiccup mode for a period equal to seven soft start
cycles and then attempts to restart from soft start. If the short-
circuit fault has cleared, the regulator resumes normal operation;
otherwise, it reenters hiccup mode after the soft start.
Hiccup protection is masked during the initial soft start cycle to
enable startup of the buck regulator under heavy load conditions.
For the buck regulator to recover from hiccup mode under
heavy loads, careful design and proper component selection is
required. To enable or disable hiccup protection for all four buck
regulators, use the factory fuse. When hiccup protection is
disabled, the frequency foldback feature continues to be available
for overcurrent protection.
LATCH-OFF PROTECTION
The buck regulators in the ADP5053 have an optional latch-off
mode to protect the device from serious problems such as short-
circuit and overvoltage conditions.Enable latch-offmodeby
factory fuse.
Short-Circuit Latch-Off Mode
Short-circuit latch-off mode is enabled by factory fuse (on or off
for all four buck regulators). When short-circuit latch-off mode
is enabled and the protection circuit detects an overcurrentstatus
after a soft start, the buck regulator enters hiccup mode and
attempts to restart. If after completingseven continuous restart
attempts, the regulator remains in the fault condition, then the
regulator is shut down. This shutdown (latch-off) condition is
cleared only by reenablingthe channel or byresettingthe channel
power supply. Note that short-circuit latch-off mode does not
work if hiccup protection is disabled.
Figure 41 shows the short-circuit latch-off detection function.
OUTPUT
VOLTAGE
TIME
LATCH-OFF
LATCH OFF
THIS
REGULATOR
SHORT CIRCUIT DETECTED
BY COUNTER OVERFLOW
PWRGD
7 ×
tSS
SCP LATCH-OFF
FUNCTION ENABLED AFTER
7 RESTART ATTEMPTS
ATTEMPT TO
RESTART
Figure 41. Short-Circuit Latch-Off Detection
Overvoltage Latch-Off Mode
Enable overvoltage latch-off mode by factory fuse (on or off for
all four buck regulators). The overvoltage latch-off threshold is
124% of the nominal output voltage level. When the output
voltage exceeds this threshold, the protection circuit detects the
overvoltage status and the regulator shuts down. This shutdown
(latch-off) condition is cleared only by reenabling the channel
or by resetting the channel power supply.
Figure 42 shows the overvoltage latch-off detection function.
OUTPUT
VOLTAGE
TIME
LATCH OFF
THIS
REGULATOR
LATCH-OFF
124%
NOMINAL OUTPUT
100%
NOMINAL OUTPUT
CHx ON
Figure 42. Overvoltage Latch-Off Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com