Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182AUJZ-2.5-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP7182AUJZ-2.5-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182AUJZ-2.5-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP7182AUJZ-2.5-R7 Datasheet HTML 23Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 24Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 25Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 26Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 27Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 28Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 29Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 30Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 29 of 31
Table 11. Recommended LDOs for Very Low Noise Operation
Device
Number
VIN
Range (V)
VOUT
Fixed (V)
VOUT
Adjust
(V)
IOUT
(mA)
IQ at
IOUT
(µA)
IGND-SD
Max
(µA)
Soft
Start
PGOOD
Noise
(Fixed)
10 Hz to
100 kHz
(µV rms)
PSRR
100 kHz
(dB)
PSRR
1 MHz
(dB)
Package
ADP7102
3.3 to 20
1.5 to 9
1.22 to
19
300
750
75
No
Yes
15
60
40
3 mm × 3 mm
8-lead LFCSP,
8-lead SOIC
ADP7104
3.3 to 20
1.5 to 9
1.22 to
19
500
900
75
No
Yes
15
60
40
3 mm × 3 mm
8-lead LFCSP,
8-lead SOIC
ADP7105
3.3 to 20
1.8, 3.3, 5
1.22 to
19
500
900
75
Yes
Yes
15
60
40
3 mm × 3 mm
8-lead LFCSP,
8-lead SOIC
ADP7118
2.7 to 20
1.2 to 5
1.2 to 19
200
160
10
Yes
No
11
68
50
2 mm × 2 mm
6-lead LFCSP,
8-lead SOIC,
5-lead TSOT
ADP7142
2.7 to 40
1.2 to 5
1.2 to 39
200
160
10
Yes
No
11
68
50
2 mm × 2 mm
6-lead LFCSP,
8-lead SOIC,
5-lead TSOT
ADP7182
−2.7 to
−28
−1.8 to
−5
−1.22 to
−27
−200
−650
−8
No
No
18
45
45
2 mm × 2 mm
6-lead LFCSP,
3 mm × 3 mm
8-lead LFCSP,
5-lead TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com