Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1544EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1544EVB
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC1544EVB Datasheet HTML 1Page - Semtech Corporation SC1544EVB Datasheet HTML 2Page - Semtech Corporation SC1544EVB Datasheet HTML 3Page - Semtech Corporation SC1544EVB Datasheet HTML 4Page - Semtech Corporation SC1544EVB Datasheet HTML 5Page - Semtech Corporation SC1544EVB Datasheet HTML 6Page - Semtech Corporation SC1544EVB Datasheet HTML 7Page - Semtech Corporation SC1544EVB Datasheet HTML 8Page - Semtech Corporation SC1544EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
Electrical Characteristics (Cont.)(1)
Unless specified: all applicable silver box supplies (3.3V, 5V, 5VSB) ± 5%, GND = 0V, V
SENSE PINS = VOUT(NOM), TA = 25°C. Values in bold apply over full
operating ambient temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
t
u
p
t
u
O
l
a
u
D
V
3
.
3
e
g
a
t
l
o
V
e
v
i
r
D
3
e
t
a
G
)
9
(
V
)
I
H
(
3
G
I
3
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
3
G
I
3
G
A
µ
0
1
-
=0
4
0
0
1
V
m
t
n
e
r
r
u
C
e
v
i
r
D
3
e
t
a
G
)
9
(
I
)
E
C
R
U
O
S
(
3
G
V
3
G
V
5
=
5
.
0
7
.
0A
m
I
)
K
N
I
S
(
3
G
V
3
G
V
3
=
0
1
-
4
1
-
e
g
a
t
l
o
V
e
v
i
r
D
4
e
t
a
G
)
0
1
(
V
)
I
H
(
4
G
V
D
V
3
.
3
I
,
V
2
.
3
=
4
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
4
G
V
D
V
3
.
3
I
,
V
4
.
3
=
4
G
A
µ
0
1
-
=8
.
0
0
.
1
t
n
e
r
r
u
C
e
v
i
r
D
4
e
t
a
G
)
0
1
(
I
)
E
C
R
U
O
S
(
4
G
V
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
-
4
G
V
5
=
2
4A
m
I
)
K
N
I
S
(
4
G
V
D
V
3
.
3
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
+
4
G
V
3
=
5
.
3
-
5
t
n
e
r
r
u
C
s
a
i
B
n
i
P
e
s
n
e
SI
D
V
3
.
3
V
,
g
n
i
k
n
i
S
D
V
3
.
3
V
3
.
3
=
0
7
-
0
0
1
-
0
3
1
-
A
µ
t
u
p
t
u
O
l
a
u
D
V
5
e
g
a
t
l
o
V
e
v
i
r
D
2
e
t
a
G
)
1
1
(
V
)
I
H
(
2
G
I
2
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
2
G
I
2
G
A
µ
0
1
-
=0
4
0
0
1
V
m
t
n
e
r
r
u
C
e
v
i
r
D
2
e
t
a
G
)
1
1
(
I
)
E
C
R
U
O
S
(
2
G
V
2
G
V
5
=
5
.
0
7
.
0A
m
I
)
K
N
I
S
(
2
G
V
2
G
V
3
=
0
1
-
4
1
-
e
g
a
t
l
o
V
e
v
i
r
D
1
e
t
a
G
)
2
1
(
V
)
I
H
(
1
G
I
1
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
1
G
I
1
G
A
µ
0
1
-
=0
4
0
0
1
V
m
t
n
e
r
r
u
C
e
v
i
r
D
1
e
t
a
G
)
2
1
(
I
)
E
C
R
U
O
S
(
1
G
V
1
G
V
5
=
5
.
0
7
.
0A
m
I
)
K
N
I
S
(
1
G
V
1
G
V
3
=
0
1
-
4
1
-
t
n
e
r
r
u
C
s
a
i
B
n
i
P
e
s
n
e
S
)
2
(
I
D
V
5
V
D
V
5
V
5
=
6
1
A
µ
t
u
p
t
u
O
P
G
A
e
g
a
t
l
o
V
t
u
p
t
u
O
)
3
1
(
V
P
G
A
A
m
1
≤ I
T
U
O
≤
A
m
0
2
70
.
2
-V
)
M
O
N
(
T
U
O
0
.
2
+%
0
.
3
-0
.
3
+
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
3
1
(
G
E
R
E
N
I
L
V
B
S
V
5
I
,
V
5
2
.
5
o
t
V
5
7
.
4
=
T
U
O
A
0
=1
0
.
0
0
1
.
0
%
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
3
1
(
G
E
R
D
A
O
L
V
B
S
V
5
I
,
V
5
=
T
U
O
A
m
0
2
7
o
t
A
0
=1
0
.
0
0
2
.
0
%
e
g
a
t
l
o
V
e
v
i
r
D
7
e
t
a
G
)
4
(
V
)
I
H
(
7
G
V
P
G
A
V
=
)
M
O
N
(
T
U
O
I
,
V
m
0
0
1
-
7
G
A
µ
0
1
=
0
0
.
8
5
7
.
8V
V
)
O
L
(
7
G
V
P
G
A
V
=
)
M
O
N
(
T
U
O
I
,
V
m
0
0
1
+
7
G
A
µ
0
1
-
=8
.
0
0
.
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com