Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL10A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPL10A
Description  7.5KB LCD CONTROLLER/DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL10A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPL10A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL10A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPL10A1
2
BLOCK DIAGRAM
ROSC
X32I
X32O
ROSC GEN
12
8 BIT
TIME BASE
I/O
IOAB0-1(I/O)
RISC
&
P
IOCD0-3(I/O)
PROCESSOR
INTERRUPT
O
IOEF0-5(INPUT)
LOGIC
R
T
7.5K
 8
ONE
ROM
12 BITS
DA
AUD
AUTO
96
 8
RELOAD
TONE
SRAM
TIMER
32 SEGMENTS
 4 COMMONS LCD DRIVER
SEG0 - SEG31
COM0 - COM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com