Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815T2R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SSD1815T2R
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815T2R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSD1815T2R Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1815T2R Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SSD1815
12
REV 1.5
03/2000
SOLOMON
Reset Circuit
This block includes Power On Reset circuitry and the Reset pin,
RES. Both of these having the same reset function. Once RES
receives a negative reset pulse, all internal circuitry will start to initial-
ize. Minimum pulse width for completing the reset sequence is 1us.
The status of the chip after reset is given by:
1.
Display is turned OFF
2.
132X64 Display Display Mode with seperated Icon Line
3.
Normal segment and display data column address mapping
(SEG0 mapped to address 00h)
4.
Read-modify-write mode is OFF
5.
Power control register is set to 000b
6.
Shift register data clear in serial interface
7.
Bias ratio is set to 1/9
8.
Static indicator is turned OFF
9.
Display start line is set to display RAM column address 0
10. Column address counter is set to 0
11. Page address is set to 0
12. Normal scan direction of the COM outputs
13. Contrast control register is set to 20h
14. Test mode is turned OFF
Display Data Latch
A series of registers carrying the display signal information. For
SSD1815, there are 197 latches (132 + 65) for holding the data,
which will be fed to the HV Buffer Cell and Level Selector to output
the required voltage level.
Level Selector
Level Selector is a control of the display synchronization. Display
voltage can be separated into two sets and used with different cycles.
Synchronization is important since it selects the required LCD voltage
level to the HV Buffer Cell, which in turn outputs the COM or SEG LCD
waveform.
HV Buffer Cell (Level Shifter)
HV Buffer Cell work as a level shifter which translates the low voltage
output signal to the required driving voltage. The output is shifted out
with an internal FRM clock which comes from the Display Timing Gen-
erator. The voltage levels are given by the level selector which is syn-
chronized with the internal M signal.
Figure 7 - Contrast Curves at Different Interneal Feedback Resistor Ratio Settings
VL6 vs Contrast Settings
-15
-13
-11
-9
-7
-5
-3
0
10
20
30
40
50
60
contrast leve l at VDD = 2.775V
20
21
22
23
24
25
26
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com