Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST_STP9NK90Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST_STP9NK90Z
Description  N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST_STP9NK90Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST_STP9NK90Z Datasheet HTML 3Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 4Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 5Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 6Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 7Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 8Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 9Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 10Page - STMicroelectronics ST_STP9NK90Z Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP9NK90Z - STF9NK90Z - STW9NK90Z
10/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
A1
2.20
2.60
0.086
0.102
b
1.0
1.40
0.039
0.055
b1
2.0
2.40
0.079
0.094
b2
3.0
3.40
0.118
0.134
c
0.40
0.80
0.015
0.03
D
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e5.45
0.214
L
14.20
14.80
0.560
0.582
L1
3.70
4.30
0.14
0.17
L2
18.50
0.728
øP
3.55
3.65
0.140
0.143
øR
4.50
5.50
0.177
0.216
S5.50
0.216
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com