Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT4524_16 Datasheet HTML 8Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 9Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 10Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 11Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 12Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 13Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 14Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 15Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ACT4524
Rev 1.1, 22-Feb-16
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
2730
2700
2670
2640
2610
2580
2550
Temperature (°C)
-20
10
40
70
100
130
160
Output1 Current vs. Temperature
VOUT = 5.1V
VIN = 12V
IOUT= 2.65A
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as show in Figure 1, Ta = 25°C, unless otherwise specified)
1320
1290
1260
1230
1200
1170
1140
Temperature (°C)
-20
10
40
70
100
130
160
Output2 Current vs. Temperature
VOUT = 5.1V
VIN = 12V
IOUT = 1.2A
Start up into CC Mode
VOUT = 5.1V
RLORD = 1.5Ω
IOUT1 = 2.65A
VIN = 12V
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 400µs/div
CH1
CH2
Start up into CC Mode
VOUT = 5.1V
RLORD = 2.5Ω
IOUT2 = 1.2A
VIN = 12V
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 400µs/div
CH1
CH2
CH1
CH2
CH3
Input Surge Test
CH1: VIN, 20V/div
CH2: VOUT, 2V/div
CH3: IOUT, 2A/div
TIME: 100ms/div
CH1
CH2
CH3
CH4
Start up with CC load
VIN = 12V
IOUT = 3.6A
CH1: VIN, 5V/div
CH2: VOUT, 2V/div
CH3: IL, 5A/div
CH4: SW, 10V/div
TIME: 1ms//div
VIN = 12V
Vout=5.1V
IOUT = 3.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com