Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-194 Datasheet(PDF) 13 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 13 Page - Analog Devices

Back Button UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices UG-194 Datasheet HTML 12Page - Analog Devices UG-194 Datasheet HTML 13Page - Analog Devices UG-194 Datasheet HTML 14Page - Analog Devices UG-194 Datasheet HTML 15Page - Analog Devices UG-194 Datasheet HTML 16Page - Analog Devices UG-194 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Evaluation Board User Guide
UG-194
Rev. A | Page 13 of 20
RESET
The Reset window is available from the MENU box. The Reset
window is shown in Figure 19.
Figure 19. Reset Window
When the RESET ADE7953 button is clicked, a hardware reset
is performed on the ADE7953. All register data is lost and the
part must be reconfigured.
TROUBLESHOOTING
Communication Failure
If communication to the ADE7953 is not successful, the warning
message shown in Figure 20 is displayed.
Figure 20. Communication Unsuccessful Message
This message indicates that the ADE7953 did not respond
and the communication timed out. The communication port
on the PC must be reset to restore communication to the
ADE7953. When the OK button is clicked, the Clear Port
window appears (see Figure 21).
Figure 21. Clear Port Window
When the Clear Port window appears, press the S1 push-button
located above the PC connection on the ADE7953 interface port
to reset the PC COM port (see Figure 1). After completing this
action, click DONE in the Clear Port window.
Before continuing with the evaluation of the ADE7953, the
reason for the communication failure should be investigated.
After the COM port is cleared, the window shown in Figure 22
is displayed to provide some possible reasons for the failed
communication.
Figure 22. Error Debug Window
After clicking OK, click EXIT in the main window (see Figure 7).
To troubleshoot the problem, verify the following items:
•
The selected COM port is correct in the main window (see
Figure 7).
•
The currently configured communication mode is correct
in the main window (see Figure 7).
•
The correct jumpers are installed for the selected commu-
nication interface (see Table 1).
Incorrect Register Readings
If the data read back from the ADE7953 registers is always
FFFF, a possible cause is that the ADE7953 is not correctly
powered. Ensure that a 3.3 V supply has been supplied to the
ADE7953, as described in the Powering Up the Evaluation
Board section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com