Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5686
Description  Full-featured evaluation board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 4 Page - Analog Devices

  AD5686 Datasheet HTML 1Page - Analog Devices AD5686 Datasheet HTML 2Page - Analog Devices AD5686 Datasheet HTML 3Page - Analog Devices AD5686 Datasheet HTML 4Page - Analog Devices AD5686 Datasheet HTML 5Page - Analog Devices AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-459
Evaluation Board User Guide
Rev. 0 | Page 4 of 12
EVALUATION BOARD SOFTWARE
INSTALLING THE SOFTWARE
The evaluation kit for the AD568x(R) includes self-installing
software on the CD. The software is compatible with Windows® XP,
Windows Vista (32-bit) and Windows 7 (32-bit). If users need drivers
for 64-bit operating systems, contact Linear.Apps@analog.com.
The software must be installed before connecting the SDP board to
the USB port of the PC to ensure that the SDP board is recognized
when it connects to the PC.
To install the software, take the following steps:
1. Start the Windows operating system and insert the CD.
2. The installation software should open automatically. If it does
not open automatically, run the setup.exe file from the CD.
3. After installation is completed, power up the evaluation
board as described in the Power Supplies section.
4. Connect the evaluation board to the SDP board and the SDP
board into the PC using the USB cable included in the box.
5. When the software detects the evaluation board, proceed
through any dialog boxes that appear to finalize the
installation.
RUNNING THE SOFTWARE
To run the program, do the following:
1. Connect the evaluation board to the SDP board and connected
the USB cable between the SDP board and the PC.
2. Power the SDP and evaluation board by connecting 6 V to
the J3 connector.
3. Click Start > All Programs > Analog Devices > AD56x(R).
Each of the AD5686R, AD5686, AD5684R, and AD5684 has
its own version of software. Click the appropriate one to run
the software. As the software connects to the evaluation
board, the message in Figure 2 displays.
Figure 2. Connection Message
If the SDP board is not connected to the USB port when
the software is launched, a connectivity error displays (see
Figure 3 ). Simply connect the evaluation board to the USB
port of the PC, wait a few seconds, click Rescan, and follow
the instructions.
Figure 3. Connectivity Error
Alternatively, the software can be used without an evaluation
board. The software runs in simulation mode displaying
expected outputs based on the input data. The main
window of the AD568x(R) evaluation software then
opens, as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com