Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPR-101 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPR-101
Description  Harsh media compatibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPR-101 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPR-101 Datasheet HTML 1Page - Amphenol Corporation NPR-101 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AAS-920-671B - 03/2016
www.amphenol-sensors.com
©2016AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Harsh Media Pressure Sensor Specifications
Operating Pressure Range
300 PSIA full scale pressure (20.68 BarA)
Performance
Total Error band
+/-2.0% FP (-20C to 100C)
+/-3.0% FP (100C to 140C)
Electrical
Supply Voltage (Vcc)
4.5 to 5.5 VDC (6.5 VDC MAX)
Supply Current
3 ma
Output Range
10% to 90% of Vcc
Over-Voltage Protection
6.5 VDC MAX
Reverse Voltage Protection
None
Durability
Cycle Life
1 million cycles
Proof Pressure
1.5 times rated pressure
Burst Pressure
2.5 times rated pressure
Output Curve : NPR-101
Dimensions
NPR-101
Other transfer functions available on request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com