Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-301 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-301
Description  Low-cost surface mount package: SO-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-301 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-301 Datasheet HTML 1Page - Amphenol Corporation NPI-301 Datasheet HTML 2Page - Amphenol Corporation NPI-301 Datasheet HTML 3Page - Amphenol Corporation NPI-301 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPP-301 Series Specifications
Description
The NPP-301 Series features silicon pressure sensors
in surface mount packages. An ultra-small Silicon
Fusion Bonded (SFB), ultra-high stability SenStable®
piezoresistive chip from NovaSensor is placed in a
plastic package that exploits high volume, leadframe
package technology to bring forth a low-cost sensor
alternative to the OEM user.
The NPP-301 Series produces a voltage output that is
linearly proportional to the input pressure. The user can
provide NPP Series products with signal conditioning
circuitry to amplify the output signal or to maximize
OEM value added. The NPP-301 Series is compatible
with most non-corrosive gases and dry air.
-In -In
+In
-Out
+Out
8
6
2
5
4
NPP-301 Series schematic diagram
+Out
8
6
7
5
4
3
2
1
N/C
N/C
-In
N/C
-Out
-In
+In
0.08 in (2.03 mm)
0.16 in (4.1 mm)
0.24 in (6.1 mm)
0.05 in
(1.27 mm)
typical
0.016 in
(0.41 mm)
typical
0.03 in (0.8 mm) hole
0.06 in
(1.52 mm)
+Out
8
6
7
5
4
3
2
1
N/C
N/C
-In
N/C
-Out
-In
+In
0.08 in (2.03 mm)
0.16 in (4.1 mm)
0.24 in (6.1 mm)
0.05 in
(1.27 mm)
typical
0.016 in
(0.41 mm)
typical
0.03 in (0.8 mm) hole
0.06 in
(1.52 mm)
NPP-301A
NPP-301B
0.11 in
(2.8 mm)
0.01 in
(0.25 mm)
0.07 in
(1.8 mm)
0.02 in
(0.51 mm)
0.11 in
(2.8 mm)
0.01 in
(0.25 mm)
0.07 in
(1.8 mm)
0.02 in
(0.51 mm)
0.08 in (2.03 mm)
0.06 in (1.52 mm)
NPP-301 Series package diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com