Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-19 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-19
Description  Solid state, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-19 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-19 Datasheet HTML 1Page - Amphenol Corporation NPI-19 Datasheet HTML 2Page - Amphenol Corporation NPI-19 Datasheet HTML 3Page - Amphenol Corporation NPI-19 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPI-19 Series
Specifications
Operating
Constant Current (1.5 mA)
Constant Voltage (10 V)
Value
Notes
Value
Notes
General
Pressure Ranges
2 .5 PSI
0 to 2.5 psi (0 to 172 mbar)
17.2 kPa
0 to 2.5 psi (0 to 172 mbar)
17.2 kPa
5 PSI
0 to 5 psi (0 to 345 mbar)
34.5 KPa
0 to 5 psi (0 to 345 mbar)
34.5 KPa
Maximum Overpressure
3x pressure
rated
3x pressure
rated
Electrical @ 77°F (25°C) unless otherwise stated
Input Excitation
1.5 mA maximum
2 mA maximum
10 VDC
12 VDC
Insulation Resistance
108 Ω
@ 50 VDC
108 Ω
@ 50 VDC
Input Impedance
4000 Ω
typical
10,000 Ω
typical
Output Impedance
5000 Ω
±20%
5000 Ω
±20%
Bridge Impedance
5000 Ω
±20%
5000 Ω
±20%
Environmental
Compensated Temperature
32°F to 158°F
(0°C to 70°C)
32°F to 158°F
(0°C to 70°C)
Operating Temperature
14°F to 176°F
(-10°C to 80°C)
14°F to 176°F
(-10°C to 80°C)
Storage Temperature
-40°F to 257°F
(-40°C to 125°C)
-40°F to 257°F
(-40°C to 125°C)
Mechanical
Weight
0.02 lb (10 g)
NPT-19A-XXX
0.02 lb (10 g)
NPT-19A-XXX
Media Compatibility
All corrosive media compatible with 316 L
stainless steel
All corrosive media compatible with 316 L
stainless steel
Case and Diaphragm
Material
316L stainless steel
316L stainless steel
Recommended O-Ring
NPI-19A; 0.66 in x 0.039 in (16.76 mm x 1 mm)
NPI-19A; 0.66 in x 0.039 in (16.76 mm x 1 mm)
Compensated
Performance
(1.5 mA)
(10 VDC)
Parameter Notes Units
Minimum
Type
Maximum
Units
Minimum
Type
Maximum
Offset
mV
-2
±1
2
mV
-2
±1
2
Full Scale Output
2.5 PSI
mV
50
125
200
mV
72
75
78
5 PSI
mV
50
125
200
mV
74
75
76
Static Accuracy
%FSO
-0.5
0.1
0.5
%FSO
-0.5
0.1
0.5
2
Thermal Accuracy of Offset
2.5 PSI
%FSO
-2
±0.5
2
%FSO
-2
±0.5
2
3
5 PSI
%FSO
-1.5
±0.5
1.5
%FSO
-1.5
±0.5
1.5
3
Thermal Accuracy of FSO
2.5 PSI
%FSO
-2
±0.5
2
%FSO
-2
±0.5
2
3
5 PSI
%FSO
-1.0
±0.5
1.0
%FSO
-1.0
±0.5
1.0
3
Thermal Repeatability
2.5 PSI
%FSO
-0.3
0.1
0.3
%FSO
-0.2
0.1
0.2
3
5 PSI
%FSO
-0.2
0.1
0.2
%FSO
-0.2
0.1
0.2
3
1. Performance with offset, thermal accuracy of offset, and thermal accuracy of FSO compensation resistors. All values measured at 77°F
(25°C) and at 1.5 mA constant current or 10 VDC, unless otherwise noted.
2. Includes Linearity (BFSL), pressure hysteresis and repeatability errors.
3. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C).
4. Consult factory for vacuum applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com