Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-15VC Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPI-15VC
Description  Solid state, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15VC Datasheet(HTML) 3 Page - Amphenol Corporation

  NPI-15VC Datasheet HTML 1Page - Amphenol Corporation NPI-15VC Datasheet HTML 2Page - Amphenol Corporation NPI-15VC Datasheet HTML 3Page - Amphenol Corporation NPI-15VC Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPI-15VCSeriesSpecifications
Warranty
NovaSensor warrants its products against defects in material
and
workmanship for 12 months from the date of shipment .
Products not subjected to misuse will be repaired or replaced.
NovaSensor reserves the right to make changes without further
notice to any products herein. NovaSensor makes no warranty,
representation or guarantee regarding the suitability of its
products for any particular application, nor does NovaSensor
assume any liability arising out of the application or use of any
productorcircuitandspecificallydisclaimsandallliability
without limitation consequential or incidental damages. The
foregoing warranties are exclusive and in lieu of all other
warranties, whether written, oral, implied or statutory. No Implied
statutorywarrantyofmerchantabilityorfitnessforparticular
purpose shall apply.
Parameter
Value
Units
Notes
General
Pressure Range
0 to 500
psi
3,447 kPa
0 to 1,000 psi
6,894 kPa
0 to 3,000 psi
20,682 kPa
0 to 5,000 psi
34,470 kPa
Maximum Pressure
2 x
rated pressure
Electrical @ 77°F (25°C) unless otherwise stated
Input Excitation
10
VDC
15 VDC maximum
Insulation Resistance 100M
Ω
@ 50 VDC Input
Impedance (minimum) 4,000
Ω
Output Impedance
5,000
Ω
± 20%
Bridge Impedance
5,000
Ω
± 20%
Environmental
Temperature Range
Operating (9)
–40 to 257°F
(–40°C to 125°C)
Compensated Range
32 to 158°F
(0°C to 70°C)
Vibration
10
gRMS 20 to 2000Hz
Shock
100
g
11 milliseconds
Life (Dynamic Pressure Cycle)
10 x 106cycles
Mechanical (1)
Weight
0.06
lb
(28 g) NPI–15A–XXX
0.10
lb
(47 g) NPI–15B/H/J–XXX
Media Compatibility
All corrosive media compatible with
316L stainless steel
Case and
Diaphragm Material
316L stainless steel
Recommended O-Ring Type A: 0.472 in (12 mm) ID x 0.059 in
(1.5 mm) wall
Type B: 2-013 per ISO 3601/1
Parameter
Units
Min. Typical
Max. Notes
Performance Parameters 500, 1,000, 3,000, & 35,000 psi
(Note 1,8)
Full Scale Output
mV
99
100
101
2
Linearity
%FSO
–0.35
0.1
0.35
3
Hysteresis and
Repeatability
%FSO
–0.05
0.01
0.05
Thermal Accuracy
of Offset
%FSO
–1.0
0.2
1.0
4
Thermal Accuracy
of FSO
%FSO
–0.75
–0.2
0.75
4
Thermal Hysteresis %FSO
–0.2
±0.1
0.2
5
Short-Term Stability
of Offset
µV/V
5
6
Short-Term Stability
of FSO
µV/V
5
6
Long-Term Stability
of Offset
%FSO
0.1
7
Long-Term Stability
of FSO
%FSO
0.1
7
1. Performance with offset , thermal accuracy of offset and thermal accuracy of FSO compensation resistors.
2. FSO with 10 VDC.
3. Linearitybybestfitstraightline.
4. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C).
5. 32°F to 158°F (0°C to 70°C), by design.
6. Normalized offset/bridge voltage_100 hours, typical value, not tested in production.
7. One year, typical value, not tested in production
8. All values measured at 77°F (25°C) and at 10 VDC, unless otherwise noted.
9. Reduced performance outside compensation range.
Ordering Information
NPI-15
Code Pressure Port Type
A
No port
B
1/2-20 UNF
H
1/4-18 NPT
J
1/8-27 NPT
Code
Pressure Ranges in psi
500
500 psi (3447 kPa)
1KØ
1000 psi (6894 kPa)
3KØ
3000 psi (20,632 kPa) NPI-15A only
5KØ
5000 psi (34,470 kPa) NPI-15A only
Code
Compensation
A
Absolute
S
Sealed gauge
Code
Voltage
V
Constant Voltage
Excitation
NPI-15
-
-
-
Typical model
number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com