Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-15 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-15
Description  Solid state, high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-15 Datasheet HTML 1Page - Amphenol Corporation NPI-15 Datasheet HTML 2Page - Amphenol Corporation NPI-15 Datasheet HTML 3Page - Amphenol Corporation NPI-15 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPI-15 Series dimensions
NPI-15SeriesSpecifications
Description
The NovaSensor NPI-15 Series incorporates state-
of-the-art IsoSensor technology, which gives the
OEM user the best in price and performance. They
are designed to operate in hostile environments and
yet give the outstanding sensitivity, linearity, and
hysteresis of a silicon sensor. The piezoresistive
sensorchipishousedinafluid-filledcylindrical
cavity and isolated from the measured media by
a stainless steel diaphragm and body. As with all
NovaSensor silicon sensors, the NPI-15 Series
employs SenStable® processing technology,
providing excellent stability
The modular design allows for a variety of pressure
port modules which are hermetically welded to the
sensor header module. Standard types A, B, H, and
J are shown to the right.
For compensation of temperature effects, a
complete resistor network is supplied on a hybrid
ceramic substrate. The IsoSensor design minimizes
temperature errors to provide a maximum offset
errors of 0.75% FSO over the 32°F to 158°F (0°C to
70°C) compensated range.
NPI-15 Series schematic diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com