Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-12 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NPI-12
Description  Level sensing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-12 Datasheet(HTML) 2 Page - Amphenol Corporation

  NPI-12 Datasheet HTML 1Page - Amphenol Corporation NPI-12 Datasheet HTML 2Page - Amphenol Corporation NPI-12 Datasheet HTML 3Page - Amphenol Corporation NPI-12 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPI-12 Series dimensions
NPI-12 Series Specifications
Description
The NPI-12 Series of solid state, media isolated pressure
sensors are designed to provide a cost effective
solution for applications that detect tube blockages
and pump performance. The NPI-12 Series is intended
to mount adjacent to flexible tubing to sense tube
expansion. Cleanliness is assured with the NPI-12 Series
stainless steel finish.
The NPI-12 Series incorporates state-of-the-art
IsoSensor technology, which gives the OEM user the
best in price and performance. They are designed
to operate in hostile environments while providing
outstanding sensitivity, linearity and hysteresis. The
piezoresistive sensor chip is housed in a fluid filled
cavity and isolated from the measured media by
a stainless steel diaphragm and body. As with all
NovaSensor silicon sensors, the NPI-12 Series employs
SenStable® processing technology, which provides
excellent output stability.
The NPI-12 Series offers many features with superior
performance. The pressure sensitivity is calibrated at
0.20±0.01 mV/V/psi. The combined errors of linearity,
pressure hysteresis, repeatability and temperature are
less than ±4 %FSO. The maximum overpressure is 50
psi (3.44 bar). A five volt excitation is needed to supply
power to the device. The operating temperature range
for the NPI-12 Series is 50°F to 104°F (10°C to 40°C),
while the storage temperature is -40°F to 158°F (–40°C
to 70°C). Electrical connection is accomplished with a 4
pin connector that accepts standard 0.025 in (0.64 mm)
square posts on 0.100 in (2.54 mm) centers. A red wire
allows for easy recognition of connector orientation.
NPI-12 Series schematic diagram
Parameter
Value
Units
Notes
General
Pressure Range
15
psig
Maximum Overpressure
50
psig
Environmental
Temperature Range
Operating
50 to 104
°F
(10°C to 40°C)
Storage
–40 to 158 (Dry) °F
(-40°C to 70°C)
Mechanical
Weight
0.01
lb
(5 g)
Media Compatibility
316L stainless steel
Diaphragm Dome Height
0.000 to 0.008
in
1
(0.000 mm to 0.20 mm)
Electrical(2)
Excitation
5.0
volts
Parameter
Units
Min.
TypicaL
Max. Notes
Performance Parameters (2)
Zero Pressure Output
±%FSO
—
—
5
Sensitivity
mV/V/psi 0.19
0.20
0.21
Linearity, Hysteresis,
Temperature Errors
±%FSO
—
—
4.0
3
Response Time (10% to 90%) ms
—
1.0
—
4
1. Maximum change in diaphragm height relative to the edge of the sensor.
2. Supply current = 5 VDC and ambient temperature = 77°F (25°C), unless otherwise
noted.
3. Best fit straight line.
4. For a zero-to-full scale pressure step change.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com