Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN554 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # EN554
Description  Designed for the harsh environment applications such as steam sterilizers and SIP systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

EN554 Datasheet(HTML) 2 Page - Amphenol Corporation

  EN554 Datasheet HTML 1Page - Amphenol Corporation EN554 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Kaye Validator Report Wizard
Pressure Transducer
Specifications
Type
Absolute Pressure Transducer
Range
0barto4bar(59psia)Absolute
Sensitivity
1V to 5V
Non-linearity & hysteresis
±0.2%combined
Temp. compensated range
110°C–140°C
Accuracy
10mbar(0.147psi)at110°C–140°C
Calibration
Pressurecalibrationperformedat23°Cand121°C
Software Support
The Kaye Validator Report Wizard provides EN554,
HTM2010andISO-17665complaintreports.Theuser
can create:
• SaturatedPressureandTemperatureGraphReports
utilizing temperature and pressure actual data along
side calculated saturated readings
• Automaticequilibrationpass/faildetermination
• AutomaticTb,Tb+3limitdeterminationbasedon
temperature versus saturated temperature, or
pressure versus saturated pressure.
AAS-920-443A-04/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com