Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-SIP Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 2-SIP
Description  Fully Calibrated & Temperature Compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

2-SIP Datasheet(HTML) 2 Page - Amphenol Corporation

  2-SIP Datasheet HTML 1Page - Amphenol Corporation 2-SIP Datasheet HTML 2Page - Amphenol Corporation 2-SIP Datasheet HTML 3Page - Amphenol Corporation 2-SIP Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sensor Performance
Relative Humidity (RH%)
* Custom Accuracy Tolerance Available
Resolution
14 bit (0.01%RH)
Accuracy¹
±2.0%RH (20~80%RH)*
Repeatability
±0.2 %RH
Hysteresis
±2.0 %RH
Linearity
<2.0 %RH
Response time²
7.0 sec (63%)
Temp Coefficient
Max 0.13 %RH/°C
(at 10~60°C, 10~90%RH)
Operating range
0 ~ 100 %RH (Non-
Condensing)
Long term drift
<0.5 %RH/yr (Normal condition)
Temperature (°C)
Resolution
14 bit (0.01°C)
Accuracy³
±0.3°C (Figure 2)
Repeatability
±0.1°C
Response time
5.0 sec (63%)
Operating range
- 40 ~ 125 °C
Long term drift
<0.05 °C/yr (Normal
condition)
1. Accuracies measured at 25°C, 5.0V.
2. Measured at 25°C, 1m/sec airflow for achieving 63% of step from
33%RH to 90%RH
3. Accuracies measured at 25, 5.0V.
4. Min 5.0 sec, Max 20 sec
Figure 1. Typical RH% Accuracy at 25°C
Figure 2. Typical Temperature Accuracy
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com