Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2D23-SIP Datasheet(PDF) 1 Page - Amphenol Corporation

Part # CC2D23-SIP
Description  Fully Calibrated & Temperature Compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CC2D23-SIP Datasheet(HTML) 1 Page - Amphenol Corporation

  CC2D23-SIP Datasheet HTML 1Page - Amphenol Corporation CC2D23-SIP Datasheet HTML 2Page - Amphenol Corporation CC2D23-SIP Datasheet HTML 3Page - Amphenol Corporation CC2D23-SIP Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ChipCap® 2-SIP
Humidity and Temperature
Sensor
Description
ChipCap 2-SIP by Telaire is a Single In-Line
Package type of ChipCap with ready installed
V-Core capacitor for easy and convenient
application.
ChipCap offers the most advanced and cost
effective humidity and temperature sensing solution
for virtually any type of applications. Capacitive
polymer sensor chip developed and fabricated in-
house and CMOS integrated circuit with EEPROM
are integrated into one embedded system.
Individually calibrated and tested, ChipCap 2-SIP
performs ±2% from 20% to 80%RH (±3% over
entire humidity range), and yet is simple and ready
to use without further calibration or temperature
compensation.
ChipCap 2-SIP offers another sensible sensing
solution for excellent reliability, high accuracy, and
cost effective sensing applications.
Features
• Fully Calibrated & Temperature Compensated
• Digital (I2C) Output
• Precision and Accuracy (±2%RH, ±0.3°C, 14 bit )
• Free Operating Voltage (min 2.3V to max 5.5V)
• Low Current Consumption
• SIP (Single-In-line-Package)
• Reliable in Harsh Environment
• Eliminates the reconditioning procedure needed
for surface mount RH sensors
• Field replaceable.
• Allows better air circulation and response time
Applications
• Energy Saving HVAC Control: Air Conditioning,
Refrigeration, IAQ monitoring, Vent Fans, Home
Appliances,Humi/Dehumidifiers
• Process Control and Instrumentation: Sensor
Performance
• Medical Instruments, Handheld Devices, Weather
Stations, Food Processing, Printers, RFIDs
• Automobile & Transportation Cabin Climate
Control, Defogging Control, Condensing
Preventive Devise
• Mass Quantity Application: OEM custom
specificationavailable
Amphenol
Advanced Sensors
®


Similar Part No. - CC2D23-SIP

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CC2D23 GEC-CC2D23 Datasheet
906Kb / 5P
ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
logo
Amphenol Corporation
CC2D23 AMPHENOL-CC2D23 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
logo
General Electric Compan...
CC2D23S GEC-CC2D23S Datasheet
906Kb / 5P
ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
logo
Amphenol Corporation
CC2D23S AMPHENOL-CC2D23S Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
More results

Similar Description - CC2D23-SIP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
List of Unclassifed Man...
SM5611 ETC2-SM5611 Datasheet
337Kb / 2P
OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED DUAL-IN-LINE PACKAGE
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
Calibrated and temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com