Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2D33-SIP Datasheet(PDF) 3 Page - Amphenol Corporation

Part # CC2D33-SIP
Description  Fully Calibrated & Temperature Compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CC2D33-SIP Datasheet(HTML) 3 Page - Amphenol Corporation

  CC2D33-SIP Datasheet HTML 1Page - Amphenol Corporation CC2D33-SIP Datasheet HTML 2Page - Amphenol Corporation CC2D33-SIP Datasheet HTML 3Page - Amphenol Corporation CC2D33-SIP Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Specification
Supply Voltage*1
1 min 2.3V ~ max 5.5V
Supply Current (IDD)
750 µA (typical)
Sleep Current (Isleep)*2
0.6 µA (typical)
*1. Lower than 2.7V supply voltage may increase
the accuracy tolerance of the Temperature.
*2. At -40 ~85°C
Environmental
Operating Temperature - 40 ~ 125°C
Operating Humidity
0~100%RH (non
condensing)
Absolute Maximum Rating
Parameter
Min
Max
Supply Voltage
(VDD)
-0.3V
6.0V
Storage Temp
-55°C
150°C
Junction Temp
-55°C
150°C
Soldering Information
StandardorIRSolderReflow.
Tp:260°C,tp:40sec.(qualifyPbfreeprofile)For
manual soldering, contact time should not exceed 4
seconds at up to 350°C.
Shipping
Tray :
100 ea
Inner Box :
500 ea
Out Box :
5,000 ea
Standard Digital (I²C ) Output :
Factory setting is Sleep Mode and calibrated at
3.3V.
Pin Connection
Package Contents
ChipCap® 2-SIP consists of a ChipCap 2 and a
V-core capacitor soldered on the top of a FR4
substrate. Lead Pins are made of Cu, Sn, P alloy
and all parts are fully RoHS and REACH compliant.
Ordering Information
Output
Accuracy
VVD
Mode
Part Number
I2C
2%
3.3 V
Update
CC2D23-SIP
I2C
2%
5 V
Update
CC2D25-SIP
I2C
2%
3.3 V
Sleep
CC2D23S-SIP
I2C
2%
5 V
Sleep
CC2D25S-SIP
I2C
3%
3.3 V
Update
CC2D33-SIP
I2C
3%
5 V
Update
CC2D35-SIP
I2C
3%
3.3 V
Sleep
CC2D33S-SIP
I2C
3%
5 V
Sleep
CC2D35S-SIP
*.Chip on Board is 100 nF capacitor for Vcore.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com