Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP68 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IP68
Description  3/8?쒳UMPER 7-16 R/A MALE / 4.3-10 MALE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IP68 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IP68 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IP68 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
3/8”
JUMPER
7-16 R/A MALE /
4.3-10 MALE
SLJ38SF-60R64M-X-00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
Function Description
This part is a coaxial cable assembly for telecommunication equipment. It consists of 3/8” super flexible
coaxial cable with FRNC jacket, one 7/16 r/a male and one 4.3-10 male connector. The assembly is
waterproof in mated condition, fire retardant and UV protected.
Available Variants
The assembly is available in lengths from 0.5 m to 10 m in intervals of 0.5 m. Different feet length are available
on request.
Assembly Parts
Connector
7-16 r/a male and 4.3-10 male (type 1) connector
plated with white bronze
Cable
S-Link 3/8”S, FRNC jacket or Flexline 3/8” S FRNC
Marking 1
Direct print onto the cable or one wrapping label
Marking includes manufacturer, part nr. & batch no.
Marking 2
Direct print onto the cable or on wrapping label
Marking includes “Rosenberger factory made”
Position in the middle of the cable
Bend Protection
molding material PE compound with flame retardant


Similar Part No. - IP68

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP68 ROSENBERGER-IP68 Datasheet
540Kb / 2P
쩍??JUMPER 4.1-9.5 MALE / 4.1-9.5 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
80Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 4.3-10 MALE / 4.3-10 MALE
IP68 ROSENBERGER-IP68 Datasheet
541Kb / 2P
쩍??JUMPER 7-16 MALE / 4.3-10 MALE
More results

Similar Description - IP68

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ38SF-60M64F-X-00 ROSENBERGER-SLJ38SF-60M64F-X-00 Datasheet
79Kb / 2P
3/8?쒳UMPER 7-16 MALE / 4.3-10 FEMALE
SLJ12SP-60R64R-X-00 ROSENBERGER-SLJ12SP-60R64R-X-00 Datasheet
80Kb / 2P
1/2??JUMPER 7-16 R/A MALE 4.3-10 R/A MALE
SLJ12SP-60R64M-X-00 ROSENBERGER-SLJ12SP-60R64M-X-00 Datasheet
540Kb / 2P
1/2 7-16 R/A MALE 4.3-10 MALE
SLJ12RP-60R64M-X-00 ROSENBERGER-SLJ12RP-60R64M-X-00 Datasheet
542Kb / 2P
1/2??JUMPER 7-16 R/A MALE / 4.3-10 MALE
SLJ38SF-60M64M-X-00_DB ROSENBERGER-SLJ38SF-60M64M-X-00_DB Datasheet
79Kb / 2P
7-16 MALE / 4.3-10 MALE
SLJ12SF-60M64M-X-00_DB ROSENBERGER-SLJ12SF-60M64M-X-00_DB Datasheet
541Kb / 2P
7-16 MALE / 4.3-10 MALE
SLJ14SP-60M64R-X-00_DB ROSENBERGER-SLJ14SP-60M64R-X-00_DB Datasheet
540Kb / 2P
7-16 MALE / 4.3-10 R/A MALE
SLJ14SP-60R64R-X-00_DB ROSENBERGER-SLJ14SP-60R64R-X-00_DB Datasheet
541Kb / 2P
7-16 R/A MALE / 4.3-10 R/A MALE
SLJ12SP-60M64R-X-00 ROSENBERGER-SLJ12SP-60M64R-X-00 Datasheet
551Kb / 2P
7-16 MALE / 4.3-10 R/A MALE
SLJ38SF-60R60R-X-00 ROSENBERGER-SLJ38SF-60R60R-X-00 Datasheet
541Kb / 2P
3/8??JUMPER 7-16 R/A MALE / 7-16 R/A MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com