Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS271
Description  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS271 Datasheet HTML 7Page - STMicroelectronics TS271 Datasheet HTML 8Page - STMicroelectronics TS271 Datasheet HTML 9Page - STMicroelectronics TS271 Datasheet HTML 10Page - STMicroelectronics TS271 Datasheet HTML 11Page - STMicroelectronics TS271 Datasheet HTML 12Page - STMicroelectronics TS271 Datasheet HTML 13Page - STMicroelectronics TS271 Datasheet HTML 14Page - STMicroelectronics TS271 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TS271C,I,M
12/15
TYPICAL CHARACTERISTICS for ISET = 130µA
Figure 20 : Supply Current (each amplifier)
versus Supply Voltage
Figure 21 : Input Bias Current versus Free Air
Temperature
Figure 22a : High Level Output Voltage versus
High Level Output Current
Figure 22b : High Level Output Voltage versus
High Level Output Current
Figure 23a : Low Level Output Voltage versus
Low Level Output Current
Figure 23b : Low Level Output Voltage versus
Low Level Output Current
CC
SUPPLY VOLTAGE, V
(V)
4
8
12
16
1.0
0.8
0.6
0.4
0.2
0
amb
V
OCC
°
T= 25 C
A= 1
V= V
/ 2
25
50
75
100
125
amb
TEMPERATURE, T
( °C)
V
= 10V
V = 5V
CC
i
100
10
1
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
OH
OUTPUT CURRENT, I
(mA)
amb
id
T
= 25 C
V
= 100mV
°
V
= 5V
V= 3V
CC
CC
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
amb
id
°
T
= 25 C
V
= 100mV
V
= 16V
CC
CC
V
= 10V
OUTPUT CURRENT, I
(mA)
OH
1.0
0.8
0.6
0.4
0.2
amb
ic
id
T= 2 5 ° C
V
= 0.5V
V
= -1 00m V
V
=3 V
V= 5 V
CC
CC
01
2
3
O U T P U T CURR E N T , I
(m A )
OL
0
4
81 21 6
2 0
amb
id
i
T
= 25°C
V= 0 .5 V
V
= -1 00m V
V= 1 0 V
CC
V= 1 6 V
O U T P UT CU RRE NT , I
(m A )
OL
3
2
1
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com