Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2D33S Datasheet(PDF) 2 Page - Amphenol Corporation

Part # CC2D33S
Description  Fully Calibrated & Temperature Compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CC2D33S Datasheet(HTML) 2 Page - Amphenol Corporation

  CC2D33S Datasheet HTML 1Page - Amphenol Corporation CC2D33S Datasheet HTML 2Page - Amphenol Corporation CC2D33S Datasheet HTML 3Page - Amphenol Corporation CC2D33S Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sensor Performance
Relative Humidity (RH%)
Resolution
14 bit (0.01%RH)
Accuracy1
±2.0 %RH (20~80%RH)2
Repeatability
±0.2 %RH
Hysteresis
±2.0 %RH
Linearity
<2.0 %RH
Response time3
7.0sec(τ63%)
Temp Coefficient
Max0.13%RH/°C(at10~60°C,10~90%RH)
Operating Range
0 ~ 100 %RH (Non-Condensing)
Long Term Drift
<0.5 %RH/yr (Normal condition)
1. Custom Accuracy Tolerance Available
2. Accuracies measured at 25°C, 5.0V.
3. Measured at 25°C, 1m/sec airflow for achieving 63% of step
from 33%RH to 90%RH
Temperature (°C)
Resolution
14 bit (0.01°C)
Accuracy1
±0.3°C
Repeatability
±0.1°C
Response time2
5.0sec(τ63%)
Operating range
- 40 to 125°C
Long term drift
<0.05°C/yr (Normal condition)
1. Accuracies measured at 25°C, 5.0V
2. Min 5.0 sec, Max 20 sec
Typical Temperature Accuracy
Electrical Specifications
Supply Voltage
min 2.3V to max 5.5V
Supply Current (IDD)
750 µA (typical)
Sleep Current (Isleep)
0.6µA(typical)
Environmental
Operating Temperature Range
- 40 to 125°C
Operating RH Range
0 to 100 % RH (non-condensing)
Typical %RH Accuracy
Absolute Maximum Rating
Parameter
Min
Max
SupplyVoltage(VDD) -0.3V 6.0V
Storage Temp (Tstrg)
-55°C 150°C
Junction Temp (Tj)
-55°C 150°C
Soldering Information
Standard or IR Solder Reflow
Tp:240°C,tp:40sec.(qualifyPbfreeprofile)
Note: After soldering reconditioning will be required.
Details for this process can be found in the
ChipCap® 2 application note (916-127).
Package Contents
Capacitive polymer RH Sensor,
PTA (Proportional to Absolute) Temperature sensor
integrated ASIC chip in LCC (Leadless Chip Carrier)
package, SMD, RoHS compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com