Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP68 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IP68
Description  쩌??JUMPER 4.3-10 MALE / 4.3-10 MALE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IP68 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IP68 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IP68 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
¼” JUMPER
4.3-10 MALE / 4.3-10 MALE
SLJ14SP-64M64M-X-00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical Data
Impedance
50
Frequency
DC to 2.7 GHz
Return loss
DC
– 1 GHz
 32 dB
1
– 2.2 GHz
 30 dB
2.2
– 2.7 GHz
 28 dB
Insertion loss typ.
DC
– 1 GHz
 0.20 dB/m (cable) + 0.01 dB * f (GHz)
1
– 2.2 GHz
 0.30 dB/m (cable) + 0.01 dB * f (GHz)
2.2
– 2.7 GHz
 0.34 dB/m (cable) + 0.01 dB * f (GHz)
Intermodulation (3rd order @ 2 x 20 W)
typ.
max.
 -120 dBm
 -117 dBm
Relative Velocity of Propagation
83 %
DC breakdown voltage
2000 V
Mechanical Data
Coupling torque (recommended)
5 to 8 Nm
Spanner flat on coupling nut
22 mm
Cable diameter, jacket
7.7 mm typ.
Tensile strength
500 N
Recommended hanger spacing
0.6 m
Minimum bend radius single
13 mm*
Minimum bend radius repeated
25 mm*
*Bending starts behind connector incl. the kink protection
Environmental Data
Operation temperature range
-40 °C to +80 °C
Installation temperature range
-25 °C to +60 °C
Degree of protection
IEC 60529, IP68 1 bar for 1 h (mated)
RoHS
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
M. Wimmer
27.07.2015
F_Fraunhofer
06.02.2017
400
17-0210
J_Krautenb.
06.02.2017
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com