Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L09ACZ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L09ACZ
Description  3-Terminal Positive Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L09ACZ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM78L09ACZ Datasheet HTML 1Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 2Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 3Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 4Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 5Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 6Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 7Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 8Page - National Semiconductor (TI) LM78L09ACZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation (Note 5)
Internally Limited
Input Voltage
35V
Storage Temperature
−65˚C to +150˚C
Operating Junction Temperature
SO-8
0˚C to 125˚C
micro SMD
−40˚C to 85˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C (lead time)
ESD Susceptibility (Note 2)
1kV
LM78LXX Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, Bold typeface ap-
plies over 0˚C to 125˚C for SO-8 package and −40˚C to 85˚C for micro SMD package. Limits are guaranteed by produc-
tion testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless otherwise specified: I
O
= 40 mA, C
I = 0.33 µF, CO = 0.1 µF.
LM78L05
Unless otherwise specified, V
IN = 10V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
4.8
5
5.2
V
7V
≤ V
IN ≤ 20V
1mA
≤ I
O ≤ 40 mA
(Note 3)
4.75
5.25
1mA
≤ I
O ≤ 70 mA
(Note 3)
4.75
5.25
∆V
O
Line Regulation
7V
≤ V
IN ≤ 20V
18
75
mV
8V
≤ V
IN ≤ 20V
10
54
∆V
O
Load Regulation
1 mA
≤ I
O ≤ 100 mA
20
60
1mA
≤ I
O ≤ 40 mA
5
30
I
Q
Quiescent Current
3
5
mA
∆I
Q
Quiescent Current Change
8V
≤ V
IN ≤ 20V
1.0
1mA
≤ I
O ≤ 40 mA
0.1
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
(Note 4)
40
µV
Ripple Rejection
f = 120 Hz
8V
≤ V
IN ≤ 16V
47
62
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−0.65
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
6.7
7
V
θ
JA
Thermal Resistance
(8-Bump micro SMD)
230.9
˚C/W
LM78L62AC
Unless otherwise specified, V
IN = 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
5.95
6.2
6.45
V
8.5V
≤ V
IN ≤ 20V
1mA
≤ I
O ≤ 40 mA
(Note 3)
5.9
6.5
1mA
≤ I
O ≤ 70 mA
(Note 3)
5.9
6.5
∆V
O
Line Regulation
8.5V
≤ V
IN ≤ 20V
65
175
mV
9V
≤ V
IN ≤ 20V
55
125
∆V
O
Load Regulation
1 mA
≤ I
O ≤ 100 mA
13
80
1mA
≤ I
O ≤ 40 mA
6
40
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com