Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61-MPC Datasheet(PDF) 2 Page - API Technologies Corp

Part # 61-MPC
Description  Miniature PCB Power Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

61-MPC Datasheet(HTML) 2 Page - API Technologies Corp

  61-MPC Datasheet HTML 1Page - API Technologies Corp 61-MPC Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM20
50Ω
Level
Meter
50Ω
1
3
24
Filter
Oscillator
50Ω
Common Mode
50Ω
Level
Meter
50Ω
1
3
2
4
Filter
Oscillator
50Ω
50Ω
Normal Mode
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001-5-A
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-002-5-B
11-MPC-001-2-B
11-MPC-003-5-E
11-MPC-016-5-B
11-MPC-001-5-B
11-MPC-002-5-D
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-001-5-A
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001-5-A
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-002-5-B
11-MPC-001-2-B
11-MPC-003-5-E
11-MPC-016-5-B
11-MPC-001-5-B
11-MPC-002-5-D
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-001-5-A
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001-5-A
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-002-5-B
11-MPC-001-2-B
11-MPC-003-5-E
11-MPC-016-5-B
11-MPC-001-5-B
11-MPC-002-5-D
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-001-5-A
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001;-002
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-001-5-A
11-MPC-003;-006;-016
80
Frequency (MHz)
70
60
50
40
30
20
10
0
0.1
0.2
0.5
12
5
10
20
50
11-MPC-002-5-B
11-MPC-001-2-B
11-MPC-003-5-E
11-MPC-016-5-B
11-MPC-001-5-B
11-MPC-002-5-D
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-001-5-A
11-MPC-001-2-B
11-MPC-001-5-B
11-MPC-002-5-B
11-MPC-002-5-D
11-MPC-003-5-E
11-MPC-006-5-B
11-MPC-006-5-C
11-MPC-016-5-B
11-MPC Series
MPC-010 & 015 Series
90
80
70
60
50
0.01
0.1
1
10
100
1000
Frequency (MHz)
100
30
20
10
0
40
10000
MPC-010-250
MPC-010-050
MPC-015-050
Miniature PCB Power Filters
MPC Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com