Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W30-32M-2-R Datasheet(PDF) 4 Page - Amphenol Corporation

Part # W30-32M-2-R
Description  General Eastern Liquid Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

W30-32M-2-R Datasheet(HTML) 4 Page - Amphenol Corporation

  W30-32M-2-R Datasheet HTML 1Page - Amphenol Corporation W30-32M-2-R Datasheet HTML 2Page - Amphenol Corporation W30-32M-2-R Datasheet HTML 3Page - Amphenol Corporation W30-32M-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
W30 Series
Specifications
Electrical
Supply Voltage
11 to 32 VDC (See diagram for maximum loop
resistance)
Output
Two-wire/4 to 20 mA output
Protected against reversal of polarity. Output limited
to approximately 3.85 mA at low end of span and
approximately 25 mA at upper end of span.
Standard Pressure Ranges for Modus
W Series
Pressure Code
Differential Pressure
Range, psid
Operating Static
Pressure, psi
31E
0 to 6 psi
32E
0 to 10 psi
0 to 100 psi
33E
0 to 15 psi
34E
0 to 30 psi
35E
0 to 60 psi
36E
0 to 100 psi
0 to 300 psi
37E
0 to 150 psi
38E
0 to 200 psi
US Units
Pressure Code
Differential Pressure
Range, kPa
Operating Static
Pressure, kPa
31P
0 to 50 Pa
32P
0 to 75 Pa
0 to 700 kPa*
33P
0 to 100 Pa
34P
0 to 200 Pa
35P
0 to 500 Pa
36P
0 to 750 Pa
0 to 2000 kPa
37P
0 to 1000 Pa
38P
0 to 1500Pa
Metric Units, Pascal
Pressure Code
Differential Pressure
Range, k mm H2O
Operating Static
Pressure, k mm H2O
31M
0 to 5.0 k mm H20
32M
0 to 7.5 k mm H20
0 to 70 k mm H20
33M
0 to 10 k mm H20
34M
0 to 20 k mm H20
35M
0 to 50 k mm H20
36M
0 to 75 k mm H20
0 to 200 k mm H20
37M
0 to 100 k mm H20
38M
0 to 150 k mm H20
Metric Units, Millimeters of Water
Ordering Information
Record selected option in blank indicated at bottom of form.
W30
Code
Pressure Range (PPP)
X
See Standard Pressure Ranges Tables
Code
Knockout Quantity (KQ)
2
Two holes
Code
Knockout Size (KS)
R
1/2 in (12.7 mm) conduit
S
PG 11
W30 -
___ -
___
-
___
Typical model number.
+
-
11 to 32 Vdc
Power Supply Voltage
*Loop resistance = wire resistance + receiver resistance
0
10
20
30
Operating
Region
Power Supply
1
2
3
4
Wire
Wire
Receiver
0 to 1050 W
-
+
Enclosure
Ground
AAS-920-301B-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com