Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC60S30 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # ESJC60S30
Description  300mA 30kV -High Voltage Power Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

ESJC60S30 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  ESJC60S30 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.3
25
ESJC60S30
GETE ELECTRONIC CO.,LTD n E-mail:
Tel: 0086-20-8184 9628
n Fax: 0086-20-8184 9638 n www.hvgtsemi.com
01
GUANGZHOU * CHINA
www.getedz.com
sales@getedz.com
China Tel:
4001 83 84 85
DO-722 Series
Lead Diameter 1.2mm
22mm
7.5mm
24mm
300mA 30kV -High Voltage Power Diodes
Features
High speed switching
High surge resisitivity for CRT discharge
High reliability design
Avalanche characteristic
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
High reliability resin molded type high voltage
mesa type silicon chip by epoxy resin.
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
General purpose high voltage rectifier,
Voltage multiplier assembly.
Epoxy resin molded in vacuum,
Have anticorrosion in the surface
diode
in small size package which is sealed a multilayed
Outline Drawings :
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
125
125
-40 to +125
Units
kV
A
A peak
°C
°C
°C
Storage Temperature
Tstg
ESJC60S30
30
peak
Ta=25°C,8.3msec, half sine
Ta=25°C, I
=0.1mA
R
Maximum Reverse Recovery Time
Trr
at 25°C;
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C; V R=0V,f=1MHz
--
ESJC60S30
50
5.0
pF
=VRRM
R
=VRRM
--
nS
at 25°C,
F
30
I =0.5I ;
F
I =I (AV);
R
I =0.25I
rr
R
R
F
at: I


Similar Part No. - ESJC60S30

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC60S30 GETEDZ-ESJC60S30_17 Datasheet
519Kb / 2P
300mA 30kV -High Voltage Silicon Rectifiers
More results

Similar Description - ESJC60S30

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL82 GETEDZ-2CL82 Datasheet
101Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
HVRT300 GETEDZ-HVRT300 Datasheet
99Kb / 1P
30kV 30mA HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP Datasheet
68Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
SHV-30 GETEDZ-SHV-30 Datasheet
68Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
HV600S30 GETEDZ-HV600S30 Datasheet
68Kb / 1P
300mA 30kV HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP_16 Datasheet
72Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
HV55G30 GETEDZ-HV55G30_16 Datasheet
148Kb / 1P
55mA 30kV 100nS-High Voltage Power Diodes
HVRT300 GETEDZ-HVRT300_16 Datasheet
91Kb / 1P
30kV 30mA HIGH VOLTAGE DIODES
ESJC60S30 GETEDZ-ESJC60S30_17 Datasheet
519Kb / 2P
300mA 30kV -High Voltage Silicon Rectifiers
HV600S30 GETEDZ-HV600S30_17 Datasheet
518Kb / 2P
300mA 30kV -High Voltage Silicon Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com