Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W30-33M-2-R Datasheet(PDF) 2 Page - Amphenol Corporation

Part # W30-33M-2-R
Description  General Eastern Liquid Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

W30-33M-2-R Datasheet(HTML) 2 Page - Amphenol Corporation

  W30-33M-2-R Datasheet HTML 1Page - Amphenol Corporation W30-33M-2-R Datasheet HTML 2Page - Amphenol Corporation W30-33M-2-R Datasheet HTML 3Page - Amphenol Corporation W30-33M-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This model is available with the following power and
signal configuration:
Model W30
• Two-wire
• DC Voltage In
• 4 to 20 mA out
The span or zero adjustment is performed with a
20-turn potentiometer for fine resolution. A 50%
adjustment in output is possible.
The Series W transmitters comply with the European
requirements of Council Directive 2004/108/EC.
Operation
The pressure transmitter consists of two high accuracy
piezoresistive sensors with stainless steel isolation
diaphragms. Both sensors measure static pressure, and
the difference between these two measurements is
computed electronically. The use of high accuracy and
stable sensors makes this measurement possible. Since
each sensor measures the full static pressure, there is
no possibility of over-pressurizing the transmitter if one
sensor is disconnected from the line. No complex and/
or expensive balancing valves are needed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com