Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W30-37M-2-R Datasheet(PDF) 1 Page - Amphenol Corporation

Part # W30-37M-2-R
Description  General Eastern Liquid Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

W30-37M-2-R Datasheet(HTML) 1 Page - Amphenol Corporation

  W30-37M-2-R Datasheet HTML 1Page - Amphenol Corporation W30-37M-2-R Datasheet HTML 2Page - Amphenol Corporation W30-37M-2-R Datasheet HTML 3Page - Amphenol Corporation W30-37M-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Modus W Series
General Eastern Liquid
Differential Pressure
Transmitters
The Modus W Series pressure transmitters are
designed to measure low differential pressures
of liquids or gases. A wide selection of standard
pressure ranges and electrical ratings is available.
These transmitters feature no moving parts
to wear out, a proven long term stability of
piezoresistive devices, only 316 stainless steel
in contact with the fluid, and an all-welded
construction.
Modus W Series transmitters are an excellent
choice for many HVAC, process and automation
monitoring requirements. Typical applications
include measurement of differential pressure
across flow elements, heat exchangers, pumps
and filters, liquid level monitoring and other
demanding differential pressure measurement
and control applications.
The transmitters are housed in a compact,
heavy duty, gasketted, cast aluminum
enclosure designed to IP 65 of IEC 529
standards and Type 4. The die cast aluminum
enclosure incorporates a recessed neoprene
gasket to prevent the ingress of moisture or
dust. Wall mounting holes are enclosed in
the cast aluminum box and concealed by the
cover. The wall mounting holes and the cover
attaching screws are outside the gasketted
area.
Access to the electrical terminals are made
through knockouts on the front of the box. A
choice of two knockouts and three hole sizes
are available to accommodate usage of 0.5
in (12.7 mm) conduit or metric sizes PG11 and
PG13.
Pluggable terminal block connectors are
provided with wire protection and captive
terminal screws.
The Modus W Series includes one model:
Model W30.
Amphenol
Advanced Sensors


Similar Part No. - W30-37M-2-R

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W30-12S1.5 INTRONICS-W30-12S1.5 Datasheet
451Kb / 15P
DC/DC MODULES
W30-12S1.8 INTRONICS-W30-12S1.8 Datasheet
451Kb / 15P
DC/DC MODULES
W30-12S12 INTRONICS-W30-12S12 Datasheet
451Kb / 15P
DC/DC MODULES
W30-12S15 INTRONICS-W30-12S15 Datasheet
451Kb / 15P
DC/DC MODULES
W30-12S2.5 INTRONICS-W30-12S2.5 Datasheet
451Kb / 15P
DC/DC MODULES
More results

Similar Description - W30-37M-2-R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
Precision very low differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
Precision differential pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
Miniature pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
Precision differential pressure transmitters
logo
Willow Technologies Ltd
EMD WILLOW-EMD Datasheet
2Mb / 3P
General Eastern Humidity Sensor
logo
Analog Devices
AD9371 AD-AD9371 Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com