Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6713 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T6713
Description  An affordable gas sensing solution for OEMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T6713 Datasheet(HTML) 2 Page - Amphenol Corporation

  T6713 Datasheet HTML 1Page - Amphenol Corporation T6713 Datasheet HTML 2Page - Amphenol Corporation T6713 Datasheet HTML 3Page - Amphenol Corporation T6713 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Telaire T6713 series CO2
ModuleSpecifications
Method
Non Dispersive Infrared (NDIR), gold plated optics,
diffusion sampling (with Telaire’s Patented ABC
Logic Self Calibrated Algorithm)
Measurement Range (2)
0 to 5000 ppm
Dimensions
1.18in X 0.787in X 0.34in
(30mm X 15.6mm X 8.6mm)
Accuracy (1)
400-5000 ppm +/- 30 ppm ± 3% of reading
400-2000 ppm +/- 25 ppm ± 3% of reading
Temperature Dependence
5 ppm per °C or 0.5% of the reading per °C,
whichever is greater
Stability
< 2% of FS over life of sensor (15 years typical)
Pressure Dependence
0.13% of reading per mm Hg
Calibration Interval
Not required
Response Time
< 3 minutes for 90% step change typical
Signal Update
Every 5 seconds
Warm Up Time
•<2minutes(operational)
•10minutes(maximumaccuracy)
Operating Conditions
•14°Fto140°F(-10°Cto60°C)
•0to95%RH,non-condensing
Storage Conditions
-22°F to 158°F (-30°C to 70°C)
Output
Digital (3)
I2C slave up to 100kHz
UART @ 19200 Baud w/Modbus support
PWM Output Mode
Two options:
• Cycle period 1002 ms (~1Hz)
• 40 us (25kHz)
Power Supply Requirements (4)
• 4.5-5.5 VDC
• Peak 200mA (155mA typical)
• Average 25mA (20mA typical)
Interface Connections
Designed for six (6) pin male header with
0.1 in (2.54 mm) spacing. Header not included.
All dimensions in millimeters (mm)
Notes:
(1) Tolerance based on span gas of ±2%, which
adds to the uncertainty, tested at Standard
Ambient Temperature and Pressure (SATP).
(2) Subjecting sensors to environments less
than 400 ppm for more than 15 minutes may
affect accuracy due to ABC Logic algorithm.
(3) Pleasecallfordetailedproductspecifications.
(4) Based on nominal 5VDC input voltage.
For best performance, DC supply should
be a regulated, low noise power source.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com