Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRS6708 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # STRS6708
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRS6708 Datasheet(HTML) 1 Page - Allegro MicroSystems

  STRS6708 Datasheet HTML 1Page - Allegro MicroSystems STRS6708 Datasheet HTML 2Page - Allegro MicroSystems STRS6708 Datasheet HTML 3Page - Allegro MicroSystems STRS6708 Datasheet HTML 4Page - Allegro MicroSystems STRS6708 Datasheet HTML 5Page - Allegro MicroSystems STRS6708 Datasheet HTML 6Page - Allegro MicroSystems STRS6708 Datasheet HTML 7Page - Allegro MicroSystems STRS6708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
OFF-LINE SWITCHING REGULATORS
– WITH BIPOLAR SWITCHING TRANSISTOR
OSC.
OVER-CURRENT
PROTECTION
BASE
COLLECTOR
UVLO
COMMON
VIN
Dwg. PK-001
INHIBIT
FDBK
FAULT
LATCH
REF.
1
2
3
4
5
6
7
R
S
FAULT
8
9
SINK
DRIVE
DRIVE
The STR-S6707, STR-S6708, and STR-S6709 are specifically
designed to meet the requirement for increased integration and reliabil-
ity in off-line quasi-resonant flyback converters. These devices incorpo-
rate the primary control and proportional drive circuit with a third-
generation high-voltage bipolar switching transistor.
Crucial system parameters such as maximum ON time and OFF
time are fixed during manufacture. Local control circuit decoupling and
layout are optimized within each device.
Cycle-by-cycle current limiting, under-voltage lock-out with hyster-
esis, over-voltage protection, and thermal shutdown protect these
devices during all normal and overload conditions. Over-voltage
protection and thermal shutdown are latched after a short delay. A
versatile triple-level inhibit circuit includes the OFF time synchronization
required to establish quasi-resonant operation. The inhibit function has
also been expanded to initiate operation in stand-by mode in which the
power supply delivers a small fraction of the steady-state output power.
The dual requirements of dielectric isolation and low transient thermal
impedance and steady-state thermal resistance are satisfied in an over-
molded single-in-line power package.
Proven in substantial volumes, these devices and their fixed-
frequency counterparts represent a significant advance in off-line SMPS
reliability growth and integration.
FEATURES
s Quasi-Resonant Operation for Low EMI and High Efficiency
s Output Power to 220 W
s Low-Power Output Standby Mode
s Pulse-by-Pulse Over-Current Protection
s Latched Over-Voltage and Thermal Protection
s Third-Generation Switching Transistor with Proportional Drive
s Maximum ON Time and Off Time Set During Manufacture
s Internal Under-Voltage Lockout with Hysteresis
s Over-Molded SIP with Integral Isolated Heat Spreader
Always order by complete part number:
Max. Cont.
Peak
Max. Sink
Part Number
Current, I
C
Current, I
CM
Current, I
S
STR-S6707
6 A
12 A
1.5 A
STR-S6708
7.5 A
15 A
1.5 A
STR-S6709
10 A
20 A
2 A
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VIN ........................... 15 V
Output Voltage, VCEX ....................... 850 V
VEBO ................................................ 7 V
Continuous Output Current,
IC .......................................... See Table
1 ms Single-Pulse Output Current,
ICM ........................................ See Table
Sink Current, IS......................... See Table
Drive Current, ID .......................... -700 mA
Feedback Current, IFDBK ................. 20 mA
Inhibit Voltage, VINH ........................... 15 V
Over-Current Protection Voltage Range,
VOCP ............................................ ±3.5 V
Insulation Voltage,VWM(RMS) ........... 2000 V
Package Power Diss., PD ........ See Graph
Output Junction Temperature, TJ .. +150°C
Internal Frame Temperature, TF ... +125°C
Operating Temperature Range,
TA ............................... -20°C to +125°C
Storage Temperature Range,
Tstg ............................. -40°C to +125°C
™
STR-S6707 THRU
STR-S6709


Similar Part No. - STRS6708

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6703 ALLEGRO-STRS6703 Datasheet
158Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6704 ALLEGRO-STRS6704 Datasheet
158Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
More results

Similar Description - STRS6708

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6703 ALLEGRO-STR-S6703 Datasheet
158Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS5707 ALLEGRO-STRS5707 Datasheet
163Kb / 8P
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com