Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6615-R12 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T6615-R12
Description  An affordable gas sensing solution for OEMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T6615-R12 Datasheet(HTML) 2 Page - Amphenol Corporation

  T6615-R12 Datasheet HTML 1Page - Amphenol Corporation T6615-R12 Datasheet HTML 2Page - Amphenol Corporation T6615-R12 Datasheet HTML 3Page - Amphenol Corporation T6615-R12 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Telaire T6615 Sensor
ModuleSpecifications
Method
Dual-channel Non Dispersive Infrared (NDIR), gold
plated optics, diffusion or flow through sampling.
Measurement Range
0 to 2000 ppm
0 to 5000 ppm
0 to 10,000 ppm
0 to 50,000 ppm
Dimensions
2.25 in X 1.365 in X 0.60 in
(57.15 mm X 34.67 mm X 15.24 mm)
Accuracy*
75 ppm or 10% of reading (whichever is greater)
Temperature Dependence
0.2%FSper°C
Stability over Life of Sensor (10 Years)
<5%ofFSor<10%readingannual
Pressure Dependence
0.135% of reading per mm Hg
Response Time
< 2 minutes for 90% step change typical
Warm Up Time
• <2minutes(operational)
• 10minutes(maximumaccuracy)
Operating Conditions
• 32°Fto122°F(0°Cto50°C)
• 0to95%RH,noncondensing
Storage Conditions
-40°Fto158°F(-40°Cto60°C)
(Non Condensating)
Output
Digital
UART@19200Baud(Pleasecallfordetailedproduct
specifications).
Analog
0 to 4 VDC
Power Supply Requirements
5 VDC regulated (±5%)
Power Consumption
• 0.90wattspeak
• 0.165wattsaverage
Interface Connections
Designed for 12 pin male header with 0.1 in (2.54 mm)
spacing. Header not included.
Flow Rates (Via Flow Ports)
Flowthroughversion:50cc/minmaximum
Diffusionversion:80-120cc/min
Warranty Terms
12 months
* HandlingandOEMassemblymayaffectfactory
calibration.
0.38in
(9.65 mm)
2.25 in
(57.15 mm)
1.125 in
(28.575mm)
0.15in(3.81mm)
1.75 in
(44.45 mm)
2 Mounting Holes Ø.105 (2.667)
0.062 in
(0.1575 mm)
0.54 in
(13.7 mm)
0.60 in
(15.24 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com