Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3000 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T3000
Description  Accurate carbon dioxide transmitter for HVAC control applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3000 Datasheet(HTML) 2 Page - Amphenol Corporation

  T3000 Datasheet HTML 1Page - Amphenol Corporation T3000 Datasheet HTML 2Page - Amphenol Corporation T3000 Datasheet HTML 3Page - Amphenol Corporation T3000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sensing Method
Non-Dispersive Infra-Red (NDIR), single or dual
wavelength.
Power Supply Requirements
15 – 15Vdc ±10%
24 - 18-30 VAC RMS, 50/60 Hz, or 18 to 42 VDC,
polarity protected
Power Consumption
Typical 0.7 W at nominal voltage of 24V AC RMS
Range
See Ordering Information for calibrated ranges
Resolution
Minimum 10bit or analog equivalent
Accuracy
Single Wavelength
(0~2,000 ppm as example)
• 400-1250 ppm ±30 ppm or 3% of reading,
whichever is greater*,**
• 1250-2000 ppm ±5% of reading + 30ppm *, **
Dual Wavelength
0~2,000ppm range
• 75 ppm or 10% of reading (whichever is greater)
0~200,000
±5% of reading or ±0,3 vol% CO2 (whichever is
larger) at 0 - 20 vol% CO2 and 0°C to +25°C,
At 25°C to 50°C additional ±0,1% of reading or
±0,01 vol% CO2 (whichever is larger) per degree C.
*Tolerance based on span gas of ±2%
** ABC Logic not deactivated
Temperature Dependence
0.2% FS / °C
Response time, tau (63%)
< 200 sec
Aging (Dual Wavelength only)
+/- 5% of reading annual drift.
Less than +/- 25% of reading within product life
time.
Recommended Recalibration Interval
Single Wavelength – no calibration required
Dual Wavelength - 1 year
Working Temperature
0° to +50°C (measures within tolerance)
Operation Temperature
(Sensor Is Powered)
-30° to +50°C
Storage Temperature
-40° to +70°C
Minimum Lifetime
10 years or 30000 operating hours
Flammability Classification
To UL94 5VA (dependent upon build)
RH Range
0% to 99% RH (non-condensing)
Atmospheric Conditions
Sensors have been designed and tested to the
following, however, not all models are as capable;
please discuss your application with Telaire.
• Marine, salt mist and particles present
• 02 level 0-21 vol%
• 0 to 100% RH.
• Ammonium max 200mg/m3
• S02 max 0,5 vol%
• Ethylene max 500ppm vol
• Ozone
IP Class
Up to IP67, dust tight and immersion to 1m.
Optional potting
Discuss your requirement with Telaire.
Output Configurations
Digital
• Modbus over RS485
• UART
Analogue*
• 0 to 5 V
• 0 to 10 V
• 4 to 20mA
*Digital to Analogue Error ±1%
T3000 Series Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com