Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-S6708 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # STR-S6708
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6708 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STR-S6708 Datasheet HTML 1Page - Allegro MicroSystems STR-S6708 Datasheet HTML 2Page - Allegro MicroSystems STR-S6708 Datasheet HTML 3Page - Allegro MicroSystems STR-S6708 Datasheet HTML 4Page - Allegro MicroSystems STR-S6708 Datasheet HTML 5Page - Allegro MicroSystems STR-S6708 Datasheet HTML 6Page - Allegro MicroSystems STR-S6708 Datasheet HTML 7Page - Allegro MicroSystems STR-S6708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STR-S6707 THRU STR-S6709
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
TYPICAL QUASI-RESONANT FLYBACK CONVERTER
WARNING: lethal potentials are present. See text.
APPLICATIONS INFORMATION
WARNING Ñ These devices are designed to be operated at lethal voltages and energy levels. Circuit
designs that embody these components must conform with applicable safety requirements. Precau-
tions must be taken to prevent accidental contact with power-line potentials. Do not connect
grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Recommended mounting hardware torque:
4.34 Ð 5.79 lbf¥ft (6 Ð 8 kg¥cm or 0.588 Ð 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
VOLTAGE
SENSE
+ OUTPUT
Ð OUTPUT
+
+
Dwg. EK-004A
R
SQ
+
+
+
+
9
8
5
4
3
1
2
7
6
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com