Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7905C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7905C
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7905C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM7905C Datasheet HTML 1Page - National Semiconductor (TI) LM7905C Datasheet HTML 2Page - National Semiconductor (TI) LM7905C Datasheet HTML 3Page - National Semiconductor (TI) LM7905C Datasheet HTML 4Page - National Semiconductor (TI) LM7905C Datasheet HTML 5Page - National Semiconductor (TI) LM7905C Datasheet HTML 6Page - National Semiconductor (TI) LM7905C Datasheet HTML 7Page - National Semiconductor (TI) LM7905C Datasheet HTML 8Page - National Semiconductor (TI) LM7905C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Input Voltage
(Vo eb5V)
b
25V
(Vo eb12V and b15V)
b
35V
Input-Output Differential
(Vo eb5V)
25V
(Vo eb12V and b15V)
30V
Power Dissipation (Note 2)
Internally Limited
Operating Junction Temperature Range
0 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
230 C
Electrical Characteristics Conditions unless otherwise noted IOUT e 500 mA CIN e 22 mF COUT e 1 mF
0 C s TJ s a125 C Power Dissipation s 15W
Part Number
LM7905C
Units
Output Voltage
b
5V
Input Voltage (unless otherwise specified)
b
10V
Symbol
Parameter
Conditions
Min
Typ
Max
VO
Output Voltage
TJ e 25 C
b
48
b
50
b
52
V
5mA s IOUT s 1A
b
475
b
525
V
P s 15W
(b20 s VIN s b7)
V
D
VO
Line Regulation
TJ e 25 C (Note 3)
8
50
mV
(b25 s VIN s b7)
V
215
mV
(b12 s VIN s b8)
V
D
VO
Load Regulation
TJ e 25 C (Note 3)
5mA s IOUT s 15A
15
100
mV
250 mA s IOUT s 750 mA
5
50
mV
IQ
Quiescent Current
TJ e 25 C1
2
mA
D
IQ
Quiescent Current
With Line
05
mA
Change
(b25 s VIN s b7)
V
With Load 5 mA s IOUT s 1A
05
mA
Vn
Output Noise Voltage
TA e 25 C 10 Hz s f s 100 Hz
125
m
V
Ripple Rejection
f e 120 Hz
54
66
dB
(b18 s VIN s b8)
V
Dropout Voltage
TJ e 25 C IOUT e 1A
11
V
IOMAX
Peak Output Current
TJ e 25 C
22
A
Average Temperature
IOUT e 5 mA
04
mV C
Coefficient of
0 C s TJ s 100 C
Output Voltage
Typical Applications (Continued)
Variable Output
TLH7340 – 2
Improves transient response and ripple rejection Do not increase beyond 50 mF
VOUT e VSET
R1aR2
R2
J
Select R2 as follows
LM7905CT
300X
LM7912CT
750X
LM7915CT
1k
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com