Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-USB-E01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV-USB-E01
Description  USB VGA Digital Camera Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-USB-E01 Datasheet(HTML) 1 Page - STMicroelectronics

  STV-USB-E01 Datasheet HTML 1Page - STMicroelectronics STV-USB-E01 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISION & IMAGING
The USB camera chipsets from STMicroelectronics are at
the heart of a variety of products which have proven to be
highly successful in a demanding marketplace. Supported
by comprehensive reference designs, technical backup
and fully-featured software drivers, STMicroelectronics
offers camera manufacturers the opportunity to benefit from
rapid time to market with a product of proven quality.
The VV6500 is a ColorMOSTM digital CMOS sensor that
delivers outstanding picture quality. This VGA-resolution
sensor has been created specifically to meet the standards
required for high quality personal video communications.
This sensor features automatic black and dark level
calibration to ensure optimum image quality.
The STV0672 (CPIA2) co-processor receives image data
from the sensor, that is processed, compressed and
passed to the USB port. It incorporates a digital video
processor
engine
to
perform
automatic
exposure,
automatic gain control and automatic white balance,
together with colour matrixing, gamma correction, aperture
correction,
automatic
defect
correction
and
noise
cancellation logic. This data is passed to the proprietary
video compression that delivers high frame rates with
minimum impact on image quality. The USB interface
supports USB isochronous data transfer mode, ensuring
access to guaranteed bandwidth at all time, irrespective of
how many peripherals are then added.
The chipset is backed by a fully-featured driver which
provides a host of user-definable settings for optimum
camera setup. The user interface supports a degree of
customisation.
STMicroelectronics offers a range of support services to
guarantee product quality, including test specifications and
test software.
USB VGA Digital Camera Chipset
VV6500 and STV0672
•
Real-time video - up to 15fps VGA (30fps CIF)
•
Multiple output image formats supported
•
USB 1.1 compliant
•
High quality MPEG compression
•
Isochronous and bulk USB modes supported
•
Automatic black level calibration
•
Automatic dark level calibration
•
Full VfW and TWAIN driver support
•
Integrated voltage regulation
•
Minimal BOM for complete USB camera
•
Programmable vendor ID
•
High quality PC Camera
•
Biometric identification
•
Toys and games
•
Image capture systems
Pixel resolution
640 x 480 (VGA)
Array size
1/3” lens format
Exposure control
Automatic (>1000000:1)
Gain control
Automatic (to +24dB)
Signal/Noise ratio
57dB
Supply voltage
4.1v-5.25v DC (
internally regulated)
USB
Compatibility
USB Specification V1.1
Meets full power manage-
ment requirements with no
external components
Supply current
100mA approximately
Operating
temperature
(ambient)
0oC - 40oC
(for extended temp. info please
contact STMicroelectronics)
Package type
VV6500C001: 48CLCC
STV0672: 64TQFP
KEY FEATURES
APPLICATIONS
SPECIFICATIONS
CUSTOMER DATASHEET CD6500-STV0672S-A: October 1999


Similar Part No. - STV-USB-E01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV-USB/CIF-R01 STMICROELECTRONICS-STV-USB/CIF-R01 Datasheet
1Mb / 105P
Mono and Colour Digital Video CMOS Image Sensors
28-Sep-2000
More results

Similar Description - STV-USB-E01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
Digital camera USB interface
2000 Jan 27
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
Digital camera USB interface IC
1999 Apr 02
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
VGA & CIF USB PC Camera Controller
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
Low Cost Digital Camera (LCDC) Chipset
Mar-2000
logo
List of Unclassifed Man...
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
VGA & CIF USB PC Camera Controller
logo
OmniVision Technologies...
OV07725-VL1A OMNIVISION-OV07725-VL1A Datasheet
162Kb / 2P
high performance, all-digital VGA camera solution
OV7725 OMNIVISION-OV7725 Datasheet
162Kb / 2P
high performance, all-digital VGA camera solution
logo
Pixart Imaging Inc.
PAC7352 PIXART-PAC7352 Datasheet
1Mb / 12P
PAC7352 USB 2.0 VGA Camera SoC
logo
Leopard Imaging Inc.
LI-OV580-OV7251ST LEOPARD-LI-OV580-OV7251ST Datasheet
1Mb / 4P
VGA Mono Stereo USB 3.0 camera
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com