Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38-RSC144D1100 Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-RSC144D1100
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-RSC144D1100 Datasheet(HTML) 1 Page - E-SWITCH

  38-RSC144D1100 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RSC144D1100
3:2
6/10/2015
38-RSC144D1100
A
MW
1
1
PANEL CUT-OUT
A
21872
CREATE REV. A DRAWING
6/10/15
MW
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A @ 125VAC [cULus]
16A @ 250VAC [cULus]
5. ELECTRICAL LIFE: 10,000 CYCLES MIN.
6. CONTACT RESISTANCE: 20 m
MAX.
7. OPERATING TEMP: -20 C TO 85 C
8. DIELECTRIC STRENGTH: >1,000V AC 1MIN
9. INSULATION RESISTANCE: 100 M
@ 500VDC
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
POS. 1
POS. 2
SWITCH FUNCTION
OFF
(ON)
NONE
1-2
(ON)=MOMENTARY
28.60
[1.126 in]
13.90
[.547 in]
18.5
[.728 in]
9.50
[.374 in]
17.0
[.669 in]
31.6
[1.244 in]
9.9
[.390 in]
28.40
[1.118 in]
23.50
[.925 in]
11.90
[.469 in]
HOUSING: BLACK
1
2
6.30
[.248 in]
13.80
[.543 in]
21.3
[.839 in]
7.5
[.30 in]
10.0
[.394 in]
1.80
[.071 in]
ACTUATOR: BLACK
.80
[.031 in]


Similar Part No. - 38-RSC144D1100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RSC141C1000116 E-SWITCH-38-RSC141C1000116 Datasheet
71Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141C1000126 E-SWITCH-38-RSC141C1000126 Datasheet
74Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141C1123 E-SWITCH-38-RSC141C1123 Datasheet
180Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141D1011137 E-SWITCH-38-RSC141D1011137 Datasheet
69Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141D1121 E-SWITCH-38-RSC141D1121 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-RSC144D1100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com