Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC52 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC52
Description  13.2MM SINGLE DIGIT NUMERIC DISPLAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC52 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC52 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC52 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC52 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC52 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC52 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: KDA0327
REV NO: V.1
DATE: SEP/15/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
SA52-11EWA/GWA/YWA/SRWA
SC52-11EWA/GWA/YWA/SRWA
13.2mm (0.52INCH) SINGLE DIGIT
NUMERIC DISPLAYS
Features
!
0.52 INCH DIGIT HEIGHT.
!
LOW CURRENT OPERATION.
!
EXCELLENT CHARACTER APPEARANCE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
I.C. COMPATIBLE.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
LightEmittingDiode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
EmittingDiode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.


Similar Part No. - SC52

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC52 ZOWIE-SC52 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bel Fuse Inc.
SC52 BEL-SC52 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-100 BEL-SC52-100 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-101 BEL-SC52-101 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
logo
Kingbright Corporation
SC52-11EWA KINGBRIGHT-SC52-11EWA Datasheet
162Kb / 3P
Standard-Displays
More results

Similar Description - SC52

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC52-11SRWA KINGBRIGHT-SC52-11SRWA_1 Datasheet
128Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11SRWA KINGBRIGHT-SC52-11SRWA Datasheet
157Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11GWA KINGBRIGHT-SC52-11GWA Datasheet
182Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11EWA KINGBRIGHT-SC52-11EWA Datasheet
184Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
183Kb / 4P
13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR13A SUNLED-DMR13A Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DMR13C SUNLED-DMR13C Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13A SUNLED-DUG13A Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUY13C SUNLED-DUY13C Datasheet
178Kb / 4P
13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com