Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1656 Datasheet(PDF) 2 Page - NEC

Part # UPC1656
Description  850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1656 Datasheet(HTML) 2 Page - NEC

  UPC1656 Datasheet HTML 1Page - NEC UPC1656 Datasheet HTML 2Page - NEC UPC1656 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
11
PT
Total Power Dissipation2
mW
600
TOP
Operating Temperature
°C
-20 to +75
TSTG
Storage Temperature
°C
-40 to +125
CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
Frequency, f (MHz)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Supply Voltage, VCC (V)
INPUT AND OUTPUT RETURN LOSS
vs. FREQUENCY
Frequency, f (MHz)
OUTPUT POWER vs. INPUT POWER
ISOLATION vs. FREQUENCY
0
2
4
6
8
10
12
60
50
40
30
20
10
VCC = 10 V
RLOUT
RLIN
50
100
200
500
1000
2000
0
-10
-20
-30
-40
Input Power, PIN (dBm)
VCC = 10 V
50
100
200
500
1000
2000
0
-10
-20
-30
-40
VCC = 10 V
f =500 MHz
-15
-10
-5
+10
0
+5
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
EQUIVALENT CIRCUIT
VCC
OUT
GND
IN
2. At TA = +85
°C.
UPC1656C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com