Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5508 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 17Page - Texas Instruments TAS5508 Datasheet HTML 18Page - Texas Instruments TAS5508 Datasheet HTML 19Page - Texas Instruments TAS5508 Datasheet HTML 20Page - Texas Instruments TAS5508 Datasheet HTML 21Page - Texas Instruments TAS5508 Datasheet HTML 22Page - Texas Instruments TAS5508 Datasheet HTML 23Page - Texas Instruments TAS5508 Datasheet HTML 24Page - Texas Instruments TAS5508 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
Introduction
13
SLES091B — February 2004 - Revised June 2004
TAS5508
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 1
(I2C 0x41)
8 X 8
Crossbar
Input Mixer
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 2
(I2C 0x42)
8 X 8
Crossbar
Input Mixer
IP Mixer 3
(I2C 0x43)
8 X 8
Crossbar
Input Mixer
IP Mixer 4
(I2C 0x44)
8 X 8
Crossbar
Input Mixer
IP Mixer 5
(I2C 0x45)
8 X 8
Crossbar
Input Mixer
IP Mixer 6
(I2C 0x46)
8 X 8
Crossbar
Input Mixer
IP Mixer 7
(I2C 0x47)
8 X 8
Crossbar
Input Mixer
IP Mixer 8
(I2C 0x48)
8 X 8
Crossbar
Input Mixer
SDIN1- L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1- R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2- L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2- R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3- L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3- R (RBS
)
SDIN4 - L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4- L (C)
SDIN4 - R (LFE)
SDIN1 - L (L)
SDIN1 - R (R)
SDIN2 - L (LS)
SDIN2 - R (RS)
SDIN3 - L (LBS)
SDIN3 - R (RBS)
SDIN4 - L (C)
SDIN4- R (LFE)
Bass &
Treble 1
(0xDA -
0xDD)
L to
PWM1
OP Mixer 1
(I2C 0xAA)
8X2 Output
Mixer
7 DAP1
BQ
(0x51-
0x57)
Loud-
ness
(0x91-
0x95)
DRC1
(0x96-
0x9C)
Bass &
Treble 1
(0xDA -
0xDD)
R to
PWM2
OP Mixer 2
(I2C 0xAB)
8X2 Output
Mixer
7 DAP2
BQ
(0x58-
0x5E)
Loud-
ness
(0x91-
0x95)
DRC1
(0x96-
0x9C)
LS to
PWM3
OP Mixer 3
(I2C 0xAC)
8X2 Output
Mixer
RS to
PWM4
OP Mixer 4
(I2C 0xAD)
8X2 Output
Mixer
LBS to
PWM5
OP Mixer 5
(I2C 0xAE)
8X2 Output
Mixer
RBS to
PWM6
OP Mixer 6
(I2C 0xAF)
8X2 Output
Mixer
C to
PWM7
OP Mixer 7
(I2C 0xB0)
8X3 Output
Mixer
Bass &
Treble 4
(0xDA -
0xDD)
Sub to
PWM8
OP Mixer 8
(I2C 0xB1)
8X3 Output
Mixer
5 DAP8
BQ
(0x84-
0x88)
Loud-
ness
(0x91-
0x95)
DRC2
(0x9D -
0xA1)
DAP1
Volume
(0xD1)
Master Vol
(0xD9)
DAP2
Volume
(0xD2)
Master Vol
(0xD9)
DAP8
Volume
(0xD8)
Master Vol
(0xD9)
2 DAP8
BQ
(0x82-
0x83)
Max Vol
Max Vol
Max Vol
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Master Vol
(0xD9)
Default input is BOLD
Figure 1 - 5. TAS5508 Architecture With I2C Registers (Fs = 176.4 kHz or Fs = 192 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com