Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1678 Datasheet(PDF) 2 Page - NEC

Part # UPC1678
Description  2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678 Datasheet(HTML) 2 Page - NEC

  UPC1678 Datasheet HTML 1Page - NEC UPC1678 Datasheet HTML 2Page - NEC UPC1678 Datasheet HTML 3Page - NEC UPC1678 Datasheet HTML 4Page - NEC UPC1678 Datasheet HTML 5Page - NEC UPC1678 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYMBOLS
CHARACTERISTICS
UNITS
MIN
TYP MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
TOP
Operating Temperature
°C
-40
+25 +85
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Power Supply Voltage
V
-0.5 to 6.0
PIN
Input Power
dBm
+10
PT
Total Power Dissipation2
UPC1678G, GV
mW
330
TOP
Operating Temperature
UPC1678G, GV
°C
-45 to +85
TSTG
Storage Temperature
UPC1678G, GV
°C
-55 to +150
EQUIVALENT CIRCUIT
IN
GND
VCC
OUT
GND
UPC1678G, UPC1678GV
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on 5 cm x 5 cm x 1.6 mm glass epoxy PWB at TA =
maximum operating temperature..
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
80
60
40
20
0
1
23
4
5
6
0
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
70
60
50
40
30
-40
040
80
VCC = 5.0 V
CIRCUIT CURRENT vs.
OPERATING TEMPERATURE
Operating Temperature, TOP (
°C)
Supply Voltage, VCC (V)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com