Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8675ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8675ARMZ
Description  36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8675ARMZ Datasheet HTML 5Page - Analog Devices AD8675ARMZ Datasheet HTML 6Page - Analog Devices AD8675ARMZ Datasheet HTML 7Page - Analog Devices AD8675ARMZ Datasheet HTML 8Page - Analog Devices AD8675ARMZ Datasheet HTML 9Page - Analog Devices AD8675ARMZ Datasheet HTML 10Page - Analog Devices AD8675ARMZ Datasheet HTML 11Page - Analog Devices AD8675ARMZ Datasheet HTML 12Page - Analog Devices AD8675ARMZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD8675
Data Sheet
Rev. E | Page 10 of 12
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
FREQUENCY (Hz)
RL = 2kΩ
VIN = 1V rms
AV = +1
BW = 80kHz
VS = 5V
VS = 15V
Figure 27. Distortion vs. Frequency
VSY = ±15V
AV = 1
VIN
VOUT
Figure 28. No Phase Reversal
0
2
12
10
8
6
4
2
0
4
SETTLING TIME TO 0.01% (µs)
6
8
VSY = ±15V
AV = 1
Figure 29. Output Step vs. Settling Time to 0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com