Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4130 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130 Datasheet(HTML) 1 Page - Texas Instruments

  THS4130 Datasheet HTML 1Page - Texas Instruments THS4130 Datasheet HTML 2Page - Texas Instruments THS4130 Datasheet HTML 3Page - Texas Instruments THS4130 Datasheet HTML 4Page - Texas Instruments THS4130 Datasheet HTML 5Page - Texas Instruments THS4130 Datasheet HTML 6Page - Texas Instruments THS4130 Datasheet HTML 7Page - Texas Instruments THS4130 Datasheet HTML 8Page - Texas Instruments THS4130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VDD
DIGITAL
OUTPUT
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN
AIN
Vref
5 V
typical A/D application circuit
−5 V
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D High Performance
− 150 MHz −3 dB Bandwidth (VCC = ±15 V)
− 51 V/
µs Slew Rate
− −100 dB Third Harmonic Distortion at
250 kHz
D Low Noise
− 1.3 nV/
√Hz Input-Referred Noise
D Differential-Input/Differential-Output
− Balanced Outputs Reject Common-Mode
Noise
− Reduced Second Harmonic Distortion
Due to Differential Output
D Wide Power Supply Range
− VCC = 5 V Single Supply to ±15 V Dual
Supply
D ICC(SD) = 860 µA in Shutdown Mode
(THS4130)
key applications
D Single-Ended To Differential Conversion
D Differential ADC Driver
D Differential Antialiasing
D Differential Transmitter And Receiver
D Output Level Shifter
description
The THS413x is one in a family of fully-differential
input/differential output devices fabricated using
Texas
Instruments’
state-of-the-art
BiComI
complementary bipolar process.
The THS413x is made of a true fully-differential
signal path from input to output. This design leads
to an excellent common-mode noise rejection and
improved total harmonic distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS412x
100 MHz, 43 V/
µs, 3.7 nV/√Hz
THS414x
160 MHz, 450 V/
µs, 6.5 nV/√Hz
THS415x
180 MHz, 850 V/
µs, 9 nV/√Hz
Copyright
 2001 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
PD
VCC−
VOUT−
THS4130
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
NC
VCC−
VOUT−
THS4131
D, DGN, OR DGK PACKAGE
(TOP VIEW)
SHUTDOWN
NUMBER OF
CHANNELS
DEVICE
THS4130
THS4131
1
1
X
−
HIGH-SPEED DIFFERENTIAL I/O FAMILY
−100
−90
−80
−70
−60
−50
−40
−30
−20
f − Frequency − Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
100k
1M
10M
VOUT = 2 VPP
VCC = 5 V to ± 5 V
VCC = ± 15 V


Similar Part No. - THS4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
1,002Kb / 23P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4130 TI-THS4130 Datasheet
1Mb / 36P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI1-THS4130 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4130-1 TI1-THS4130-1 Datasheet
643Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4130/1 TI1-THS4130/1 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com