Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

301201 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  301201 Datasheet HTML 1Page - TE Connectivity Ltd 301201 Datasheet HTML 2Page - TE Connectivity Ltd 301201 Datasheet HTML 3Page - TE Connectivity Ltd 301201 Datasheet HTML 4Page - TE Connectivity Ltd 301201 Datasheet HTML 5Page - TE Connectivity Ltd 301201 Datasheet HTML 6Page - TE Connectivity Ltd 301201 Datasheet HTML 7Page - TE Connectivity Ltd 301201 Datasheet HTML 8Page - TE Connectivity Ltd 301201 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Instruction Sheet
1 of 10
© 2016 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
408-1559
11 JAN 16
Rev U
Figure 1
1. INTRODUCTION
CERTI-CRIMP hand crimping tools listed in Figure 1 are used to crimp the products onto the wire listed in
Figure 2.
NOTE
Dimensions in this instruction sheet are in millimeters [with inches in brackets]. Figures and illustrations are for reference only
and are not drawn to scale.
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
The handles and label (if applicable) of each tool are color-coded to match the color coding of the product to be
crimped. The tools may show more than one color code.
PRODUCT
COPPER WIRE
TYPE
SIZE RANGE (AWG)
PIDG Terminals and Splices
Solid or Stranded
30-14
PIDG Radiation Resistant Terminals and Splices
Stranded
27-14
PLASTI-GRIP Butt Splices
Solid or Stranded
26-22
PIDG Insulation Restricting Nylon Terminals
Stranded
26-14
PIDG FASTON* Receptacles 641321-1 (.187 Series) and 641324-1 (.110 Series)
Stranded
26-24
PLASTI-GRIP Terminals
Solid or Stranded
22-14
Spare Wire Cap
Stranded
22-14
Figure 2
These tools are members of the CERTI-CRIMP hand crimping tool family. The ratchet ensures full crimping of
the product. Once engaged, the ratchet will not release until the handles have been FULLY closed.
CAUTION
The crimping jaws bottom before the ratchet releases. This design feature ensures maximum tensile performance of the crimp.
DO NOT re-adjust the ratchet.
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low
volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
CERTI-CRIMP*
Hand Crimping Tools
Handles
Hand Crimping Tool
Part Numbers
46121
47304
47386
47386-5
47387
47907-1
48518-2
68343-1
69151-1
69454
169485
Ratchet
Label (Color Coded for PIDG*
and PLASTI-GRIP* Products)
Wire Size Range
Stamped Here
Locator
Label (Color Coded
for Sealed Splices)
Jaws
Insulation Crimp Adjustment Pins
(Shown in Position 3)


Similar Part No. - 301201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
237Kb / 9P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
301201 MACOM-301201 Datasheet
205Kb / 6P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
301201 TEC-301201 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
187Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
301201 MACOM-301201 Datasheet
216Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 301201

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com