Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741CJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM741CJ
Description  Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM741CJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM741CJ Datasheet HTML 1Page - National Semiconductor (TI) LM741CJ Datasheet HTML 2Page - National Semiconductor (TI) LM741CJ Datasheet HTML 3Page - National Semiconductor (TI) LM741CJ Datasheet HTML 4Page - National Semiconductor (TI) LM741CJ Datasheet HTML 5Page - National Semiconductor (TI) LM741CJ Datasheet HTML 6Page - National Semiconductor (TI) LM741CJ Datasheet HTML 7Page - National Semiconductor (TI) LM741CJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 6)
LM741A
LM741E
LM741
LM741C
Supply Voltage
±22V
±22V
±22V
±18V
Power Dissipation (Note 2)
500 mW
500 mW
500 mW
500 mW
Differential Input Voltage
±30V
±30V
±30V
±30V
Input Voltage (Note 3)
±15V
±15V
±15V
±15V
Output Short Circuit Duration
Continuous
Continuous
Continuous
Continuous
Operating Temperature Range
−55˚C to +125˚C
0˚C to +70˚C
−55˚C to +125˚C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Junction Temperature
150˚C
100˚C
150˚C
100˚C
Soldering Information
N-Package (10 seconds)
260˚C
260˚C
260˚C
260˚C
J- or H-Package (10 seconds)
300˚C
300˚C
300˚C
300˚C
M-Package
Vapor Phase (60 seconds)
215˚C
215˚C
215˚C
215˚C
Infrared (15 seconds)
215˚C
215˚C
215˚C
215˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 7)
400V
400V
400V
400V
Electrical Characteristics (Note 4)
Parameter
Conditions
LM741A/LM741E
LM741
LM741C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
T
A = 25˚C
R
S ≤ 10 kΩ
1.0
5.0
2.0
6.0
mV
R
S ≤ 50Ω
0.8
3.0
mV
T
AMIN ≤ TA ≤ TAMAX
R
S ≤ 50Ω
4.0
mV
R
S ≤ 10 kΩ
6.0
7.5
mV
Average Input Offset
15
µV/˚C
Voltage Drift
Input Offset Voltage
T
A = 25˚C, VS = ±20V
±10
±15
±15
mV
Adjustment Range
Input Offset Current
T
A = 25˚C
3.0
30
20
200
20
200
nA
T
AMIN ≤ TA ≤ TAMAX
70
85
500
300
nA
Average Input Offset
0.5
nA/˚C
Current Drift
Input Bias Current
T
A = 25˚C
30
80
80
500
80
500
nA
T
AMIN ≤ TA ≤ TAMAX
0.210
1.5
0.8
µA
Input Resistance
T
A = 25˚C, VS = ±20V
1.0
6.0
0.3
2.0
0.3
2.0
M
Ω
T
AMIN ≤ TA ≤ TAMAX,
0.5
M
Ω
V
S = ±20V
Input Voltage Range
T
A = 25˚C
±12
±13
V
T
AMIN ≤ TA ≤ TAMAX
±12
±13
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com