Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51007 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51007
Description  Highly reliable, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51007 Datasheet(HTML) 1 Page - Amphenol Corporation

  51007 Datasheet HTML 1Page - Amphenol Corporation 51007 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Medium Silicon
Pressure Sensor Die
P111
Features
• Highly reliable, solid state silicon pressure sensors
• Available in absolute and differential versions
• Standard pressure ranges: 0 to 100, 0 to 200, and
0 to 700 kPa
• Nonlinearity < 0.25 %FSO
• 2X overpressure limit
Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems
Description
NovaSensor’s P111 piezoresistive pressure sensors are offered in a miniature 0.10 in x 0.12 in (2.7 mm x 3.2 mm)
die. When excited with 1.0 mA, the P111 produces a millivolt output that is proportional to input pressure. The P111
is available as an absolute pressure sensor where the media pressure is referenced to an internal vacuum sealed
in the die. The P111 is also available as a differential and gage sensor. With NovaSensor’s SenStable® process, the
P111 will provide very good long-term stability and excellent repeatability. Sensor die have a 63 mil glass con-
straint layer. For thicker isolation constraint contact the factory.
Amphenol
Advanced Sensors


Similar Part No. - 51007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
51007 LITTELFUSE-51007 Datasheet
529Kb / 1P
Fuse Blocks, Holders and Accessories
logo
PCTEL, Inc.
510076 PCTEL-510076 Datasheet
182Kb / 1P
406 – 430 MHz 440 – 470 MHz
More results

Similar Description - 51007

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
Solid State Pressure Sensors
logo
Amphenol Corporation
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
High reliability, solid state silicon pressure sensors
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
Highly reliable, silicon pressure sensor
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Laird Tech Smart Techno...
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
logo
Omron Electronics LLC
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com