Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P562 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P562
Description  Highly reliable, silicon pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P562 Datasheet(HTML) 2 Page - Amphenol Corporation

  P562 Datasheet HTML 1Page - Amphenol Corporation P562 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P562 Specifications
Parameter
Value
Units
Notes
General
Pressure Range
100
mmHg
-1.9psi(-0.13
bar)
MaximumOverpressure
125(9bar)
psi
Topside pressure
Electrical @ 72°F (25°C) unless noted
Excitation
3.0
mA
3VDCMaximum
Input Impedance
305to400
Ω
OutputImpedance
305to400
Ω
Environmental
Temperature Range
Operating
32to158
°F
(0°Cto70°C)
Storage
-13to185
°F
(-25°Cto85°C)
Mechanical
Weight
0.00004
lb
(0.02grams)
MediaCompatibility
Cleandryair,
non-corro-
sive gases
Performance Parameters (1)
ZeroOffset
±4
mV/V
2
Sensitivity
44±11
µV/V/mmHg
Linearity
1.5
%FSO
3
Pressure Hysteresis
0.1
%FSO
Temperature
CoefficientofZero
30
µV/V/°C
4
Temperature
0.16
%/°C
4
CoefficientofResistance
TemperatureCoefficientof
Sensitivity
-0.11
%FSO/°C
4
Thermal Hysteresis of Zero
0.1
%FSO
4
LongTermStabilityofFSO
0.1
%FSO
5
1. Allvaluesmeasuredat72°F(25°C)and1mAexcitation,unlessotherwisenoted.
2. Zeropsig.
3. Measuredasthedeviationat300mmHgfromalinedrawnfromtheoutputat
zeropressurethroughtheoutputat100mmHg.
4. Between32°Fand158°F(0°Cand70°C).
5. Typicalvalueoveroneyear.
Shipping and Handling
Allwafersareshippedinprotectivecontainers.The
wafersaresawnonstickytapewithplasticrings.All
wafersareelectricallyprobedandvisuallyinspected.
Samples from each wafer verify offset , full-scale
output,andlinearity.Electricalrejectsareinkedwith
reddots.Visualrejectsareinkedwithbluedots.Each
wafer will have the following information: Lot number,
wafer number, device number, and the number of
gooddice.
Warranty
NovaSensor warrants its products against defects
in material and workmanship for 12 months from the
dateofshipment.Productsnotsubjectedtomisuse
willberepairedorreplaced.NovaSensorreservesthe
right to make changes without further notice to any
productsherein.NovaSensormakesnowarranty,
representation or guarantee regarding the suitability
ofitsproductsforanyparticularapplication.Nova-
Sensor does not assume any liability arising out of
the application or use of any product or circuit and
specificallydisclaims,andallliability,withoutlimitation
consequentialorincidentaldamages.Theforegoing
warrantiesareexclusiveandinlieuofallotherwar-
ranties,whetherwritten,oral,impliedorstatutory.No
impliedstatutorywarrantyofmerchantabilityorfitness
foraparticularpurposeshallapply.
AAS-920-261A-08/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
-OUT
-IN
+IN
-INa
-INb
+OUT
-OUT
+IN
-IN
-OUT
+OUT
+IN
-INa
-INb
-OUT
+OUT
CLOSED BRIDGE
OPEN BRIDGE
Diedimensions:0.08inx0.08inx0.01in(2.1mmx2.1mmx0.4mm)
P562 schematic and wirebond diagram
OrderingInformation
Part Number:
51279 100mmHgSensor
Minimum release quantity:
Twowafersorapproximately2,000die.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com